Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACX704 Datasheet (PDF) - Sony Corporation

ACX704 Datasheet PDF - Sony Corporation
Part # ACX704
Download  ACX704 Download

File Size   242.7 Kbytes
Page   32 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 9.60cm (3.78 Type) QVGA Reflective Color LCD Module

ACX704 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACX704 Datasheet PDF - Sony Corporation

Part # ACX704
Download  ACX704 Click to download

File Size   242.7 Kbytes
Page   32 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 9.60cm (3.78 Type) QVGA Reflective Color LCD Module

ACX704 Datasheet (HTML) - Sony Corporation

Back Button ACX704 Datasheet HTML 1Page - Sony Corporation ACX704 Datasheet HTML 2Page - Sony Corporation ACX704 Datasheet HTML 3Page - Sony Corporation ACX704 Datasheet HTML 4Page - Sony Corporation ACX704 Datasheet HTML 5Page - Sony Corporation ACX704 Datasheet HTML 6Page - Sony Corporation ACX704 Datasheet HTML 7Page - Sony Corporation ACX704 Datasheet HTML 8Page - Sony Corporation ACX704 Datasheet HTML 9Page - Sony Corporation ACX704 Datasheet HTML 10Page - Sony Corporation Next Button 

ACX704 Product details

Description

The ACX704AKM is a 9.60cm diagonal, QVGA formatted active matrix reflective color TFT-LCD with a high performance front light unit. This panel provides ultra-high reflectivity (30% typ.) with high contrast ratio (25:1 typ.). These characteristics are realized by a newly developed reflective electrode structure. In addition, this panel provides low power consumption (20mW typ.) which is realized by built in 4-bit digital interface circuitry addressed by low temperature polycrystalline silicon transistors.



Features

• Number of dots: 320 × RGB × 240

• Dot size: 80µm × 240µm

• High reflectivity: 30% (typ.)

• High contrast ratio: 25:1 (typ.)

• Number of colors: 4096

• Low power consumption: 20mW (typ.)

• Built-in 4-bit digital interface circuitry

• Compact size

• Thin and bright front light unit




Similar Part No. - ACX704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX703AKM ETC2-ACX703AKM Datasheet
38Kb / 2P
   Low Power Consumption and High Picture Quality 2.0-inch 200K-dot Reflective Color LCD
logo
Sony Corporation
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
   6.92cm Diagonal Reflective Color LCD Module
ACX705AKM SONY-ACX705AKM Datasheet
34Kb / 2P
   Low Temperature Polycrystalline Silicon 6.9 cm (2.7-type) 1/8 VGA Color Reflective LCD Module with Built-in Low-power 3-bit D/A Converter
ACX705AKM SONY-ACX705AKM_1 Datasheet
34Kb / 2P
   Low Temperature Polycrystalline Silicon 6.9 cm (2.7-type) 1/8 VGA Color Reflective LCD Module with Built-in Low-power 3-bit D/A Converter
logo
List of Unclassifed Man...
ACX706AKM ETC1-ACX706AKM Datasheet
53Kb / 2P
   Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
More results


Similar Description - ACX704

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDA350-2G HANTRONIX-HDA350-2G Datasheet
454Kb / 19P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570S-V HANTRONIX-HDA570S-V_15 Datasheet
44Kb / 3P
   5.7 TFT QVGA COLOR LCD DISPLAY MODULE
logo
Sony Corporation
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
   7.60cm Reflective Color LCD Module
ACX709AKM SONY-ACX709AKM Datasheet
256Kb / 29P
   7.60cm Reflective Color LCD Module
logo
Hantronix,Inc
HDA350T-3S HANTRONIX-HDA350T-3S Datasheet
1Mb / 15P
   QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
logo
Sony Corporation
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
   6.92cm Diagonal Reflective Color LCD Module
logo
Hantronix,Inc
HDA570C-G HANTRONIX-HDA570C-G Datasheet
1Mb / 22P
   5.7?? TFT QVGA COLOR LCD DISPLAY MODULE (With Controller)
logo
List of Unclassifed Man...
ACX706AKM ETC1-ACX706AKM Datasheet
53Kb / 2P
   Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
logo
Sharp Corporation
LM057QC1T01 SHARP-LM057QC1T01 Datasheet
1Mb / 21P
   NEGATIVE MATRIX TYPE COLOR LCD MODULE
logo
Toshiba Semiconductor
LTA050B352A TOSHIBA-LTA050B352A Datasheet
41Kb / 1P
   5.0 TYPE COLOR TFT-LCD MODULE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com