Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGL34-39A Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

TGL34-39A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # TGL34-39A
Download  TGL34-39A Download

File Size   354.75 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Unidirectional and Bidirectional TVS

TGL34-39A Datasheet (PDF)

Go To PDF Page Download Datasheet
TGL34-39A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TGL34-39A
Download  TGL34-39A Click to download

File Size   354.75 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Unidirectional and Bidirectional TVS

TGL34-39A Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

TGL34-39A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TGL34-39A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd TGL34-39A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd TGL34-39A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd

TGL34-39A Product details

FEATURES
 • Plastic MINI MELF package.
 • Glass passivated chip junction.
 • 150W peak pulse power capability with a 10/1000µs waveform ,repetition rate(duty cycle): 0.01%.
 • Excellent clamping capability.
 • Very fast response time.
 • Low incremental surge resistance.
 • Typical ID less than 1mA above 10V rating
 • High temperature soldering guaranteed: 250℃/10 seconds of terminal




Similar Part No. - TGL34-39A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL34-39A DIOTEC-TGL34-39A Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-39A DIOTEC-TGL34-39A Datasheet
124Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-39A DIOTEC-TGL34-39A Datasheet
121Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-39A DIOTEC-TGL34-39A Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
TGL34-39A DIOTEC-TGL34-39A Datasheet
169Kb / 4P
   SMD Transient Voltage Suppressor Diodes
More results


Similar Description - TGL34-39A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Diodes Incorporated
DLP3V3DTZ DIODES-DLP3V3DTZ Datasheet
312Kb / 7P
   DUAL UNIDIRECTIONAL AND SINGLE BIDIRECTIONAL TVS
DS30669 Rev. 2 - 2
DESD5V2S2UT DIODES-DESD5V2S2UT Datasheet
102Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T12S5-7 DIODES-T12S5-7 Datasheet
153Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
HY ELECTRONIC CORP.
SMAJ10C HY-SMAJ10C_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
T3V3S5-7 DIODES-T3V3S5-7 Datasheet
153Kb / 4P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com