Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29VF010-120-4C-PH Datasheet (PDF) - Silicon Storage Technology, Inc

SST29VF010-120-4C-PH Datasheet PDF - Silicon Storage Technology, Inc
Part # SST29VF010-120-4C-PH
Download  SST29VF010-120-4C-PH Download

File Size   326.04 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit (256K x8) Page-Mode EEPROM

SST29VF010-120-4C-PH Datasheet (PDF)

Go To PDF Page Download Datasheet
SST29VF010-120-4C-PH Datasheet PDF - Silicon Storage Technology, Inc

Part # SST29VF010-120-4C-PH
Download  SST29VF010-120-4C-PH Click to download

File Size   326.04 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit (256K x8) Page-Mode EEPROM

SST29VF010-120-4C-PH Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST29VF010-120-4C-PH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29VF010-120-4C-PH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29VF010-120-4C-PH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VF010-120-4C-PH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VF010-120-4C-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VF010-120-4C-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VF010-120-4C-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VF010-120-4C-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VF010-120-4C-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29VF010-120-4C-PH Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST29VF010-120-4C-PH Product details

PRODUCT DESCRIPTION
The SST29EE/LE/VE020 are 256K x8 CMOS Page-Write EEPROM manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST29EE/LE/VE020 write with a single power supply. Internal Erase/Program is transparent to the user. The SST29EE/LE/VE020 conform to JEDEC standard pinouts for byte-wide memories.
   
FEATURES:
• Single Voltage Read and Write Operations
    – 5.0V-only for SST29EE020
    – 3.0-3.6V for SST29LE020
    – 2.7-3.6V for SST29VE020
• Superior Reliability
    – Endurance: 100,000 Cycles (typical)
    – Greater than 100 years Data Retention
• Low Power Consumption
    – Active Current: 20 mA (typical) for 5V and
        10 mA (typical) for 3.0/2.7V
    – Standby Current: 10 µA (typical)
• Fast Page-Write Operation
    – 128 Bytes per Page, 2048 Pages
    – Page-Write Cycle: 5 ms (typical)
    – Complete Memory Rewrite: 10 sec (typical)
    – Effective Byte-Write Cycle Time: 39 µs (typical)
• Fast Read Access Time
    – 5.0V-only operation: 120 and 150 ns
    – 3.0-3.6V operation: 200 and 250 ns
    – 2.7-3.6V operation: 200 and 250 ns
• Latched Address and Data
• Automatic Write Timing
    – Internal VPP Generation
• End of Write Detection
    – Toggle Bit
    – Data# Polling
• Hardware and Software Data Protection
• Product Identification can be accessed via
    Software Operation
• TTL I/O Compatibility
• JEDEC Standard
    – Flash EEPROM Pinouts and command sets
• Packages Available
    – 32-lead PLCC
    – 32-lead TSOP (8mm x 14mm, 8mm x 20mm)
    – 32-pin PDIP
   



Similar Part No. - SST29VF010-120-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VF010-55-4C-NH SST-SST29VF010-55-4C-NH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4C-PH SST-SST29VF010-55-4C-PH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4C-WH SST-SST29VF010-55-4C-WH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4I-NH SST-SST29VF010-55-4I-NH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4I-PH SST-SST29VF010-55-4I-PH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results


Similar Description - SST29VF010-120-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Macronix International
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com