Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29VF512-55-4C-PH Datasheet (PDF) - Silicon Storage Technology, Inc

SST29VF512-55-4C-PH Datasheet PDF - Silicon Storage Technology, Inc
Part # SST29VF512-55-4C-PH
Download  SST29VF512-55-4C-PH Download

File Size   290.32 Kbytes
Page   24 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash

SST29VF512-55-4C-PH Datasheet (PDF)

Go To PDF Page Download Datasheet
SST29VF512-55-4C-PH Datasheet PDF - Silicon Storage Technology, Inc

Part # SST29VF512-55-4C-PH
Download  SST29VF512-55-4C-PH Click to download

File Size   290.32 Kbytes
Page   24 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash

SST29VF512-55-4C-PH Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST29VF512-55-4C-PH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29VF512-55-4C-PH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29VF512-55-4C-PH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VF512-55-4C-PH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VF512-55-4C-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VF512-55-4C-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VF512-55-4C-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VF512-55-4C-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VF512-55-4C-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29VF512-55-4C-PH Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST29VF512-55-4C-PH Product details

PRODUCT DESCRIPTION
The SST29SF512/010/020/040 and SST29VF512/010/ 020/040 are 64K x8 / 128K x8 / 256K x8 / 512K x8 CMOS Small-Sector Flash (SSF) manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST29SFxxx devices write (Program or Erase) with a 4.5-5.5V power supply. The SST29VFxxx devices write (Program or Erase) with a 2.7- 3.6V power supply. These devices conform to JEDEC standard pinouts for x8 memories.

FEATURES:
• Organized as 64K x8 / 128K x8 / 256K x8 / 512K x8
• Single Voltage Read and Write Operations
    – 5.0V-only for SST29SF512/010/020/040
    – 2.7-3.6V for SST29VF512/010/020/040
• Superior Reliability
    – Endurance: 100,000 Cycles (typical)
    – Greater than 100 years Data Retention
• Low Power Consumption:
    – Active Current: 10 mA (typical)
    – Standby Current:
    30 µA (typical) for SST29SF512/010/020/040
    1 µA (typical) for SST29VF512/010/020/040
• Sector-Erase Capability
    – Uniform 128 Byte sectors
• Fast Read Access Time:
    – 55 ns
    – 70 ns
• Latched Address and Data
• Fast Erase and Byte-Program:
    – Sector-Erase Time: 18 ms (typical)
    – Chip-Erase Time: 70 ms (typical)
    – Byte-Program Time: 14 µs (typical)
    – Chip Rewrite Time:
        1 second (typical) for SST29SF/VF512
        2 seconds (typical) for SST29SF/VF010
        4 seconds (typical) for SST29SF/VF020
        8 seconds (typical) for SST29SF/VF040
• Automatic Write Timing
    – Internal VPP Generation
• End-of-Write Detection
    – Toggle Bit
    – Data# Polling
• TTL I/O Compatibility for SST29SFxxx
• CMOS I/O Compatibility for SST29VFxxx
• JEDEC Standard
    – Flash EEPROM Pinouts and command sets
• Packages Available
    – 32-pin PLCC
    – 32-pin TSOP (8mm x 14mm)
    – 32-pin PDIP



Similar Part No. - SST29VF512-55-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VF010-120-4C-EH SST-SST29VF010-120-4C-EH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29VF010-120-4C-NH SST-SST29VF010-120-4C-NH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29VF010-120-4C-PH SST-SST29VF010-120-4C-PH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29VF010-120-4C-WH SST-SST29VF010-120-4C-WH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29VF010-120-4I-EH SST-SST29VF010-120-4I-EH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
More results


Similar Description - SST29VF512-55-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF020 SST-SST29SF020_06 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF040 SST-SST29SF040 Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com