Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBV3506 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

RBV3506 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # RBV3506
Download  RBV3506 Download

File Size   167.34 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Silicon Bridge Rectifiers

RBV3506 Datasheet (PDF)

Go To PDF Page Download Datasheet
RBV3506 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # RBV3506
Download  RBV3506 Click to download

File Size   167.34 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Silicon Bridge Rectifiers

RBV3506 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

RBV3506 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd RBV3506 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

RBV3506 Product details

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 35 A



Features

◇ Rating to 1000V PRV

◇ Surge overload rating to 400 Am peres peak

◇ Ideal for printed circuit board

◇ Reliable low cost construction utilizing m olded plastic technique results in inexpensive product

◇ Lead solderable per MIL-STD-202 m ethod 208



 




Similar Part No. - RBV3506

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RBV3506 EIC-RBV3506 Datasheet
18Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
RBV3506 BILIN-RBV3506 Datasheet
179Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SynSemi, Inc.
RBV3506 SYNSEMI-RBV3506 Datasheet
41Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV3506 EIC-RBV3506 Datasheet
49Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
RBV3506 BILIN-RBV3506 Datasheet
143Kb / 3P
   Silicon Bridge Rectifiers
More results


Similar Description - RBV3506

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com