Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5350B Datasheet (PDF) - ON Semiconductor

1N5350B Datasheet PDF - ON Semiconductor
Part # 1N5350B
Download  1N5350B Download

File Size   135.78 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5 Watt Surmetic 40 Zener Voltage Regulators

1N5350B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5350B Datasheet PDF - ON Semiconductor

Part # 1N5350B
Download  1N5350B Click to download

File Size   135.78 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5 Watt Surmetic 40 Zener Voltage Regulators

1N5350B Datasheet (HTML) - ON Semiconductor

1N5350B Datasheet HTML 1Page - ON Semiconductor 1N5350B Datasheet HTML 2Page - ON Semiconductor 1N5350B Datasheet HTML 3Page - ON Semiconductor 1N5350B Datasheet HTML 4Page - ON Semiconductor 1N5350B Datasheet HTML 5Page - ON Semiconductor 1N5350B Datasheet HTML 6Page - ON Semiconductor 1N5350B Datasheet HTML 7Page - ON Semiconductor

1N5350B Product details

5 Watt Surmetic 40 Zener Voltage Regulators

This is a complete series of 5 Watt Zener diodes with tight limits and better operating characteristics that reflect the superior capabilities of silicon−oxide passivated junctions. All this in an axial lead, transfer−molded plastic package that offers protection in all common environmental conditions.

Features
• Zener Voltage Range − 3.3 V to 200 V
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Surge Rating of up to 180 W @ 8.3 ms
• Maximum Limits Guaranteed on up to Six Electrical Parameters
• Pb−Free Packages are Available*




Similar Part No. - 1N5350B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5350B MICROSEMI-1N5350B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Motorola, Inc
1N5350B MOTOROLA-1N5350B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Shenzhen Luguang Electr...
1N5350B LUGUANG-1N5350B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
Semikron International
1N5350B SEMIKRON-1N5350B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
1N5350B EIC-1N5350B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results






About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com