Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGB8206N Datasheet (PDF) - ON Semiconductor

NGB8206N Datasheet PDF - ON Semiconductor
Part # NGB8206N_11
Download  NGB8206N Download

File Size   130.3 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ignition IGBT 20 A, 350 V, N.Channel D2PAK

NGB8206N Datasheet (PDF)

Go To PDF Page Download Datasheet
NGB8206N Datasheet PDF - ON Semiconductor

Part # NGB8206N_11
Download  NGB8206N Click to download

File Size   130.3 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ignition IGBT 20 A, 350 V, N.Channel D2PAK

NGB8206N Datasheet (HTML) - ON Semiconductor

NGB8206N_11 Datasheet HTML 1Page - ON Semiconductor NGB8206N_11 Datasheet HTML 2Page - ON Semiconductor NGB8206N_11 Datasheet HTML 3Page - ON Semiconductor NGB8206N_11 Datasheet HTML 4Page - ON Semiconductor NGB8206N_11 Datasheet HTML 5Page - ON Semiconductor NGB8206N_11 Datasheet HTML 6Page - ON Semiconductor NGB8206N_11 Datasheet HTML 7Page - ON Semiconductor NGB8206N_11 Datasheet HTML 8Page - ON Semiconductor



Similar Part No. - NGB8206N_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8206NG ONSEMI-NGB8206NG Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGB8206NG ONSEMI-NGB8206NG Datasheet
129Kb / 9P
   Ignition IGBT
February, 2012 ??Rev. 9
NGB8206NT4 ONSEMI-NGB8206NT4 Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGB8206NT4G ONSEMI-NGB8206NT4G Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGB8206NT4G ONSEMI-NGB8206NT4G Datasheet
129Kb / 9P
   Ignition IGBT
February, 2012 ??Rev. 9
More results


Similar Description - NGB8206N_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
   Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGD8205N ONSEMI-NGD8205N_12 Datasheet
117Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
January, 2012 ??Rev. 9
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
logo
Littelfuse
LGB8206ATI LITTELFUSE-LGB8206ATI Datasheet
443Kb / 9P
   350 V, 20 A N-Channel Ignition IGBT
4/27/2020
logo
ON Semiconductor
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com