Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7418 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7418 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7418
Download  AON7418 Download

File Size   262.86 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON7418 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7418 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7418
Download  AON7418 Click to download

File Size   262.86 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON7418 Datasheet (HTML) - Alpha & Omega Semiconductors

AON7418 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7418 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7418 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7418 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7418 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7418 Datasheet HTML 6Page - Alpha & Omega Semiconductors

AON7418 Product details

General Description
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant

Application
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial

Product Summary
    VDS                                           30V
    ID (at VGS=10V)                       50A
    RDS(ON) (at VGS=10V)    < 1.7mΩ
    RDS(ON) (at VGS = 4.5V) < 2.8mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AON7418

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7410 AOSMD-AON7410 Datasheet
201Kb / 6P
   30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON7410 VBSEMI-AON7410 Datasheet
1,020Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AON7410 DOINGTER-AON7410 Datasheet
597Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Alpha & Omega Semicondu...
AON7412 AOSMD-AON7412 Datasheet
253Kb / 6P
   30V N-Channel MOSFET
AON7414 AOSMD-AON7414 Datasheet
103Kb / 1P
   DFN 3X3 PACKAGE MARKING DESCRIPTION
More results


Similar Description - AON7418

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com