Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI500 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

GI500 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # GI500
Download  GI500 Download

File Size   4354.0 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description GENERAL PURPOSE PLASTIC RECTIFIER

GI500 Datasheet (PDF)

Go To PDF Page Download Datasheet
GI500 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # GI500
Download  GI500 Click to download

File Size   4354.0 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description GENERAL PURPOSE PLASTIC RECTIFIER

GI500 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd

GI500 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GI500 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd

GI500 Product details

FEATURES

♦ Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

♦ High surge current capability

♦ Typical IR less than 0.1µA

♦ Construction utilizes void-free molded plastic technique

♦ High current operation of 3.0 Amperes at TA=95°C with no thermal runaway

♦ High temperature soldering guaranteed: 250°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - GI500

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI500 GE-GI500 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Galaxy Semi-Conductor H...
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI500 VISHAY-GI500 Datasheet
71Kb / 4P
   General Purpose Plastic Rectifier
Revision: 28-Oct-09
GI500 VISHAY-GI500 Datasheet
74Kb / 4P
   General Purpose Plastic Rectifier
Revision: 01-Aug-13
logo
Diode Semiconductor Kor...
GI500 DSK-GI500 Datasheet
270Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Similar Description - GI500

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com