Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU1C Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

RU1C Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # RU1C
Download  RU1C Download

File Size   838.31 Kbytes
Page   1 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Ultra-Fast-Recovery Rectifier Diodes

RU1C Datasheet (PDF)

Go To PDF Page Download Datasheet
RU1C Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # RU1C
Download  RU1C Click to download

File Size   838.31 Kbytes
Page   1 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Ultra-Fast-Recovery Rectifier Diodes

RU1C Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd

RU1C Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd

RU1C Product details

Ultra-Fast-Recovery Rectifier Diodes

400V-1000V 0.2A-1.1A




Similar Part No. - RU1C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU1C SANKEN-RU1C Datasheet
18Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RU1C EIC-RU1C Datasheet
67Kb / 2P
   FAST RECOVERY RECTIFIER DIODE
RU1C EIC-RU1C Datasheet
181Kb / 2P
   FAST RECOVERY RECTIFIER DIODE
Rev. 03:February 28, 2014
logo
Rohm
RU1C001UN ROHM-RU1C001UN Datasheet
2Mb / 13P
   Nch 20V 100mA Small Signal MOSFET
RU1C001ZP ROHM-RU1C001ZP Datasheet
2Mb / 13P
   Pch -20V -100mA Small Signal MOSFET
More results


Similar Description - RU1C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
logo
List of Unclassifed Man...
MP3-306 ETC1-MP3-306 Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com