Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPB270 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

SMTPB270 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # SMTPB270
Download  SMTPB270 Download

File Size   19371.96 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description TELECOMMUNICATION PROTECTION

SMTPB270 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMTPB270 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # SMTPB270
Download  SMTPB270 Click to download

File Size   19371.96 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description TELECOMMUNICATION PROTECTION

SMTPB270 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd

SMTPB270 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMTPB270 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd

SMTPB270 Product details

FEATURES
 • Bidirectional crowbar protection
 • Voltage range:from 62V to 270V.
 • Holding current:IH=150mAmin
 • Repetitive peak pulse
 • current:I PP=100A,10/1000 s.




Similar Part No. - SMTPB270

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPB270 STMICROELECTRONICS-SMTPB270 Datasheet
55Kb / 5P
   TRISILTM
logo
Galaxy Semi-Conductor H...
SMTPB270 BILIN-SMTPB270 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
More results


Similar Description - SMTPB270

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com