Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRP600A Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

SRP600A Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # SRP600A
Download  SRP600A Download

File Size   9408.39 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description FAST SWITCHING PLASTIC RECTIFIER

SRP600A Datasheet (PDF)

Go To PDF Page Download Datasheet
SRP600A Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # SRP600A
Download  SRP600A Click to download

File Size   9408.39 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description FAST SWITCHING PLASTIC RECTIFIER

SRP600A Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd

SRP600A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SRP600A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd

SRP600A Product details

FEATURES
♦ Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
♦ High surge current capability
♦ Construction utilizes void-free molded plastic technique
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
   250°C/10 seconds, 0.375" (9.5mm) lead length,
   5 lbs. (2.3kg) tension




Similar Part No. - SRP600A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP600A GE-SRP600A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
SRP600A VISHAY-SRP600A Datasheet
75Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 27-Oct-09
SRP600A VISHAY-SRP600A Datasheet
79Kb / 4P
   Fast Switching Plastic Rectifier
02-Oct-12
SRP600A VISHAY-SRP600A_V01 Datasheet
79Kb / 4P
   Fast Switching Plastic Rectifier
02-Oct-12
More results


Similar Description - SRP600A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
BA159-E3 VISHAY-BA159-E3 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com