Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMPG06-8.2A Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

TMPG06-8.2A Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # TMPG06-8.2A
Download  TMPG06-8.2A Download

File Size   13955.3 Kbytes
Page   3 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Automotive Transient Voltage Suppressors

TMPG06-8.2A Datasheet (PDF)

Go To PDF Page Download Datasheet
TMPG06-8.2A Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # TMPG06-8.2A
Download  TMPG06-8.2A Click to download

File Size   13955.3 Kbytes
Page   3 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Automotive Transient Voltage Suppressors

TMPG06-8.2A Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd

TMPG06-8.2A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd TMPG06-8.2A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd TMPG06-8.2A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd

TMPG06-8.2A Product details

FEATURES
• Patented PAR® construction
• Available in Unidirectional polarity only
• 400 W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Typical ID less than 1.0 µA above 10 V rating
• Solder Dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - TMPG06-8.2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMPG06-8.2A VISHAY-TMPG06-8.2A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-8.2A VISHAY-TMPG06-8.2A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-8.2A VISHAY-TMPG06-8.2A Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
More results


Similar Description - TMPG06-8.2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
   Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
   Automotive Transient Voltage Suppressors
06-May-02
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com