Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFE1600-48 Datasheet (PDF) - TDK Electronics

HFE1600-48 Datasheet PDF - TDK Electronics
Part # HFE1600-48
Download  HFE1600-48 Download

File Size   1001.17 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 1600W 1U Front End Power Supplies

HFE1600-48 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFE1600-48 Datasheet PDF - TDK Electronics

Part # HFE1600-48
Download  HFE1600-48 Click to download

File Size   1001.17 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 1600W 1U Front End Power Supplies

HFE1600-48 Datasheet (HTML) - TDK Electronics

HFE1600-48 Datasheet HTML 1Page - TDK Electronics HFE1600-48 Datasheet HTML 2Page - TDK Electronics

HFE1600-48 Product details

Features
◆ 1U rackmount containing up to 5 units
◆ Internal ORing MOSFET & Current Share
◆ High Efficiency
◆ Up to 7600W in 1U rack
◆ Full array of signals available




Similar Part No. - HFE1600-48

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HFE1600-48 TDK-HFE1600-48 Datasheet
166Kb / 1P
   AC-DC Power Supplies
HFE1600-48-S TDK-HFE1600-48-S Datasheet
166Kb / 1P
   AC-DC Power Supplies
More results


Similar Description - HFE1600-48

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RFE1600 TDK-RFE1600 Datasheet
705Kb / 2P
   1600W 1U Front End Power Supplies
HFE2500 TDK-HFE2500 Datasheet
1Mb / 2P
   2500W 1U Front End Power Supplies
logo
Mean Well Enterprises C...
RCP-1600 MEANWELL-RCP-1600 Datasheet
200Kb / 6P
   1600W Rack Mountable Front End Rectifier
logo
TDK Electronics
FPSS1U TDK-FPSS1U Datasheet
278Kb / 2P
   1000W Front End Power Supplies
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
   54mm 1U Front End HVDC Power Supply Converter
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Bel Fuse Inc.
PFE1500 BEL-PFE1500 Datasheet
2Mb / 27P
   AC-DC FRONT-END POWER SUPPLIES
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com