Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD01MUS2B Datasheet (PDF) - Mitsubishi Electric Semiconductor

RD01MUS2B Datasheet PDF - Mitsubishi Electric Semiconductor
Part # RD01MUS2B
Download  RD01MUS2B Download

File Size   2698.21 Kbytes
Page   15 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description RoHS Compliance, Silicon MOSFET Power Transistor 527MHz,1W

RD01MUS2B Datasheet (PDF)

Go To PDF Page Download Datasheet
RD01MUS2B Datasheet PDF - Mitsubishi Electric Semiconductor

Part # RD01MUS2B
Download  RD01MUS2B Click to download

File Size   2698.21 Kbytes
Page   15 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description RoHS Compliance, Silicon MOSFET Power Transistor 527MHz,1W

RD01MUS2B Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button RD01MUS2B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD01MUS2B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD01MUS2B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD01MUS2B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD01MUS2B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD01MUS2B Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD01MUS2B Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD01MUS2B Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD01MUS2B Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RD01MUS2B Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

RD01MUS2B Product details

DESCRIPTION
RD01MUS2B is a MOS FET type transistor specifically designed for VHF/UHF RF amplifiers applications.
This device has an internal monolithic zener diode from gate to source for ESD protection.

FEATURES
• High power gain and High Efficiency.
   Pout 1.6W Typ, Gp 15dBTyp, 70%Typ @Vdd=7.2V,f=527MHz
• Integrated gate protection diode

APPLICATION
   For output stage of high power amplifiers in VHF/UHF Band mobile radio sets.




Similar Part No. - RD01MUS2B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD01MUS2 MITSUBISHI-RD01MUS2 Datasheet
251Kb / 6P
   Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2_11 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
More results


Similar Description - RD01MUS2B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD07MUS2B MITSUBISHI-RD07MUS2B_10 Datasheet
878Kb / 17P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz 7W
RD07MUS2B MITSUBISHI-RD07MUS2B_11 Datasheet
847Kb / 18P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz,7W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2_11 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1_10 Datasheet
203Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1 Datasheet
235Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1_11 Datasheet
394Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com