Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9130980000 Datasheet (PDF) - Weidmuller

9130980000 Datasheet PDF - Weidmuller
Part # 9130980000
Download  9130980000 Download

File Size   75.88 Kbytes
Page   4 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32

9130980000 Datasheet (PDF)

Go To PDF Page Download Datasheet
9130980000 Datasheet PDF - Weidmuller

Part # 9130980000
Download  9130980000 Click to download

File Size   75.88 Kbytes
Page   4 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32

9130980000 Datasheet (HTML) - Weidmuller

9130980000 Datasheet HTML 1Page - Weidmuller 9130980000 Datasheet HTML 2Page - Weidmuller 9130980000 Datasheet HTML 3Page - Weidmuller 9130980000 Datasheet HTML 4Page - Weidmuller



Similar Part No. - 9130980000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
91309YGLFT RENESAS-91309YGLFT Datasheet
329Kb / 11P
   High Performance Communication Buffer
2019
More results


Similar Description - 9130980000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0268860000 WEIDMULLER-0268860000 Datasheet
68Kb / 3P
   Feed-through terminal, 2.5 mm짼, Screw connection, PA 66, beige, TS 35
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0271060000 WEIDMULLER-0271060000 Datasheet
85Kb / 4P
   Feed-through terminal, 16 mm짼, Screw connection, PA 66, beige, TS 32
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225360000 WEIDMULLER-0225360000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0271080000 WEIDMULLER-0271080000 Datasheet
81Kb / 3P
   Feed-through terminal, 16 mm짼, Screw connection, PA 66, blue, TS 32
0323100000 WEIDMULLER-0323100000 Datasheet
61Kb / 3P
   Earth terminal, 10 mm짼, Screw connection, PA 66, TS 32
0396660000 WEIDMULLER-0396660000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
0484060000 WEIDMULLER-0484060000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com