Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90779-3001 Datasheet (PDF) - Molex Electronics Ltd.

90779-3001 Datasheet PDF - Molex Electronics Ltd.
Part # 90779-3001
Download  90779-3001 Download

File Size   1274.38 Kbytes
Page   20 Pages
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.
Description 1.27mm IDT Connector System for Ribbon Cable Applications

90779-3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
90779-3001 Datasheet PDF - Molex Electronics Ltd.

Part # 90779-3001
Download  90779-3001 Click to download

File Size   1274.38 Kbytes
Page   20 Pages
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.
Description 1.27mm IDT Connector System for Ribbon Cable Applications

90779-3001 Datasheet (HTML) - Molex Electronics Ltd.

Back Button 90779-3001 Datasheet HTML 1Page - Molex Electronics Ltd. 90779-3001 Datasheet HTML 2Page - Molex Electronics Ltd. 90779-3001 Datasheet HTML 3Page - Molex Electronics Ltd. 90779-3001 Datasheet HTML 4Page - Molex Electronics Ltd. 90779-3001 Datasheet HTML 5Page - Molex Electronics Ltd. 90779-3001 Datasheet HTML 6Page - Molex Electronics Ltd. 90779-3001 Datasheet HTML 7Page - Molex Electronics Ltd. 90779-3001 Datasheet HTML 8Page - Molex Electronics Ltd. 90779-3001 Datasheet HTML 9Page - Molex Electronics Ltd. 90779-3001 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button 



Similar Part No. - 90779-3001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90779-3001 MOLEX11-90779-3001 Datasheet
166Kb / 3P
   1.27mm (.050") Pitch Picoflex PF-50 Header, Vertical, Low Profile, High Temperature Surface Mount Compatible
90779-3001 MOLEX11-90779-3001 Datasheet
111Kb / 1P
   HEADER ASSEMBLY
More results


Similar Description - 90779-3001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-20-0314 MOLEX11-11-20-0314 Datasheet
29Kb / 1P
   IDT - Manual Press For Ribbon Cable
logo
Harwin Plc
M50-3300542 HARWIN-M50-3300542 Datasheet
87Kb / 1P
   1.27mm DIL IDC RIBBON CABLE CONNECTOR
logo
Molex Electronics Ltd.
0621002400 MOLEX-0621002400 Datasheet
74Kb / 14P
   IDT Ribbon Cable Adapter Kit for 2.00mm
08/26/2022
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500 Datasheet
90Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
logo
Molex Electronics Ltd.
62100-2000 MOLEX-62100-2000 Datasheet
274Kb / 4P
   IDT Ribbon Cable Hand Tool Module
08-13-08
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Harwin Plc
M50-3800542 HARWIN-M50-3800542 Datasheet
74Kb / 1P
   1.27mm DIL PC TAIL IDC RIBBON CABLE CONNECTOR
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com