Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ34 Datasheet (PDF) - Fairchild Semiconductor

NC7SZ34 Datasheet PDF - Fairchild Semiconductor
Part # NC7SZ34
Download  NC7SZ34 Download

File Size   612.6 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic짰 UHS Buffer

NC7SZ34 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SZ34 Datasheet PDF - Fairchild Semiconductor

Part # NC7SZ34
Download  NC7SZ34 Click to download

File Size   612.6 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic짰 UHS Buffer

NC7SZ34 Datasheet (HTML) - Fairchild Semiconductor

NC7SZ34 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ34 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ34 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ34 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ34 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ34 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ34 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ34 Datasheet HTML 8Page - Fairchild Semiconductor

NC7SZ34 Product details

Description
The NC7SZ34 is a single buffer from Fairchild’s Ultra High Speed (UHS) series of TinyLogic®. The device is fabricated with advanced CMOS technology to achieve ultra-high speed with high output drive, while maintaining low static power dissipation over a broad VCC operating range of 1.65V to 5.5V VCC. The inputs and output are high-impedance when VCC is 0V. Inputs tolerate voltages up to 7V, independent of VCC operating voltage.

Features
■ Ultra-High Speed: tPD 2.4ns (Typical) into 50pF at 5V VCC
■ High Output Drive: ±24mA at 3V VCC
■ Broad VCC Operating Range: 1.65V to 5.5V
■ Matches Performance of LCX Operated at 3.3V VCC
■ Power-Down High-Impedance Inputs / Outputs
■ Proprietary Noise / EMI Reduction Circuitry
■ WLCSP Package




Similar Part No. - NC7SZ34

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ34 ONSEMI-NC7SZ34 Datasheet
541Kb / 10P
   TinyLogic UHS Buffer
February 2011 Rev. 1.0.1
NC7SZ34UCX ONSEMI-NC7SZ34UCX Datasheet
541Kb / 10P
   TinyLogic UHS Buffer
February 2011 Rev. 1.0.1
More results


Similar Description - NC7SZ34

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ16 FAIRCHILD-NC7WZ16_10 Datasheet
534Kb / 9P
   TinyLogic짰 UHS Dual Buffer
NC7WZ07 FAIRCHILD-NC7WZ07_11 Datasheet
650Kb / 9P
   TinyLogic짰 UHS Dual Buffer (Open Drain Outputs)
NC7SZ125 FAIRCHILD-NC7SZ125_10 Datasheet
563Kb / 10P
   TinyLogic짰 UHS Buffer with Three-State Output
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
   TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
NC7SZU04 FAIRCHILD-NC7SZU04_09 Datasheet
621Kb / 10P
   TinyLogic짰 UHS Unbuffered Inverter
NC7SZ08FHX FAIRCHILD-NC7SZ08FHX Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08_09 Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ32 FAIRCHILD-NC7SZ32_09 Datasheet
539Kb / 10P
   TinyLogic짰 UHS Two-Input OR Gate
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com