Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8271 Datasheet (PDF) - Richtek Technology Corporation

RT8271 Datasheet PDF - Richtek Technology Corporation
Part # RT8271
Download  RT8271 Download

File Size   237.32 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 24V, 1.2MHz Step-Down Converter

RT8271 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8271 Datasheet PDF - Richtek Technology Corporation

Part # RT8271
Download  RT8271 Click to download

File Size   237.32 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 24V, 1.2MHz Step-Down Converter

RT8271 Datasheet (HTML) - Richtek Technology Corporation

Back Button RT8271 Datasheet HTML 1Page - Richtek Technology Corporation RT8271 Datasheet HTML 2Page - Richtek Technology Corporation RT8271 Datasheet HTML 3Page - Richtek Technology Corporation RT8271 Datasheet HTML 4Page - Richtek Technology Corporation RT8271 Datasheet HTML 5Page - Richtek Technology Corporation RT8271 Datasheet HTML 6Page - Richtek Technology Corporation RT8271 Datasheet HTML 7Page - Richtek Technology Corporation RT8271 Datasheet HTML 8Page - Richtek Technology Corporation RT8271 Datasheet HTML 9Page - Richtek Technology Corporation RT8271 Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

RT8271 Product details

General Description
The RT8271 is a high voltage buck converter that can support the input voltage range from 4.75V to 24V and the output current can be up to 2A. Current Mode operation provides fast transient response and eases loop stabilization. The RT8271 also provides adjustable soft start to be a flexible solution for customers.

Features
● Wide Operating Input Range : 4.75V to 24V
● Adjustable Output Voltage Range : 0.92V to 16V
● Output Current up to 2A
● 22μA Low Shutdown Current
● Power MOSFET : 0.18Ω
● High Efficiency up to 92%
● 1.2MHz Fixed Switching Frequency
● Stable with Low ESR Output Ceramic Capacitors
● Programmable Soft-Start
● Thermal Shutdown Protection
● Cycle-By-Cycle Over Current Protection
● RoHS Compliant and Halogen Free

Applications
● Distributive Power Systems
● Battery Charger
● DSL Modems
● Pre-regulator for Linear Regulators




Similar Part No. - RT8271

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
RT8274 RICHTEK-RT8274 Datasheet
198Kb / 12P
   The RT8274 is a high voltage buck converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
More results


Similar Description - RT8271

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
   2A, 24V Synchronous Step-Down Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com