Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD301WT Datasheet (PDF) - Sony Corporation

SLD301WT Datasheet PDF - Sony Corporation
Part # SLD301WT
Download  SLD301WT Download

File Size   151.33 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 100mW HIGH POWER LASER DIODE

SLD301WT Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD301WT Datasheet PDF - Sony Corporation

Part # SLD301WT
Download  SLD301WT Click to download

File Size   151.33 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 100mW HIGH POWER LASER DIODE

SLD301WT Datasheet (HTML) - Sony Corporation

SLD301WT Datasheet HTML 1Page - Sony Corporation SLD301WT Datasheet HTML 2Page - Sony Corporation SLD301WT Datasheet HTML 3Page - Sony Corporation SLD301WT Datasheet HTML 4Page - Sony Corporation SLD301WT Datasheet HTML 5Page - Sony Corporation SLD301WT Datasheet HTML 6Page - Sony Corporation SLD301WT Datasheet HTML 7Page - Sony Corporation

SLD301WT Product details

The SLD301XT allows independent thermal and electric design. This laser diode has a built-in TE (Thermo Electric) cooler.





Features

1. High power

Recommended optical power output Po = 90mW

2. Low operating current

3. Flat Package with built-in photodiode, TE cooler and thermistor




Similar Part No. - SLD301WT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD301B SONY-SLD301B Datasheet
63Kb / 7P
   Block-type 100mW High Power Laser Diode
SLD301V SONY-SLD301V Datasheet
66Kb / 7P
   100mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
More results


Similar Description - SLD301WT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
SLD301V SONY-SLD301V Datasheet
66Kb / 7P
   100mW High Power Laser Diode
SLD301B SONY-SLD301B Datasheet
63Kb / 7P
   Block-type 100mW High Power Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
RLT1550-30G ROITHNER-RLT1550-30G Datasheet
54Kb / 1P
   high power infrared laser diode
ADL-63V0BTP ROITHNER-ADL-63V0BTP Datasheet
248Kb / 1P
   high power red laser diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com