Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1800-11 Datasheet (PDF) - Winchester Electronics Corporation

1800-11 Datasheet PDF - Winchester Electronics Corporation
Part # 1800-11
Download  1800-11 Download

File Size   68.57 Kbytes
Page   1 Pages
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation
Description ATTENUATOR, 20 dB 2W, TNC

1800-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
1800-11 Datasheet PDF - Winchester Electronics Corporation

Part # 1800-11
Download  1800-11 Click to download

File Size   68.57 Kbytes
Page   1 Pages
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation
Description ATTENUATOR, 20 dB 2W, TNC

1800-11 Datasheet (HTML) - Winchester Electronics Corporation

1800-11 Datasheet HTML 1Page - Winchester Electronics Corporation



Similar Part No. - 1800-11

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
1800-10 WINCHESTER-1800-10 Datasheet
74Kb / 1P
   ATTENUATOR, 15 dB 2W, TNC
logo
Honeywell Solid State E...
1800-10 HONEYWELL-1800-10 Datasheet
346Kb / 4P
   TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
More results


Similar Description - 1800-11

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1800-10 WINCHESTER-SD1800-10 Datasheet
74Kb / 1P
   ATTENUATOR, 15 dB 2W, TNC
SD1800-4 WINCHESTER-SD1800-4 Datasheet
80Kb / 1P
   ATTENUATOR, 3 dB 2W ,TNC
logo
Pasternack Enterprises,...
PE7003-20 PASTERNACK-PE7003-20_16 Datasheet
271Kb / 4P
   20 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
PE7051-20 PASTERNACK-PE7051-20_16 Datasheet
236Kb / 3P
   20 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
PE7030-20 PASTERNACK-PE7030-20_16 Datasheet
238Kb / 4P
   20 dB Fixed Attenuator, TNC Male to TNC Female Passivated Stainless Steel Body
logo
List of Unclassifed Man...
R413800000 ETC2-R413800000 Datasheet
48Kb / 2P
   SMA ATTENUATOR 0 DB 18 GHZ 2W
logo
Pasternack Enterprises,...
PE7030-30 PASTERNACK-PE7030-30 Datasheet
216Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Passivated 30 dB Fixed Attenuator, TNC Male To TNC Female Passivated
PE7043-20 PASTERNACK-PE7043-20_14 Datasheet
188Kb / 3P
   20 dB Fixed Attenuator
PE7052-20 PASTERNACK-PE7052-20_16 Datasheet
227Kb / 3P
   20 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7053-20 PASTERNACK-PE7053-20_16 Datasheet
236Kb / 4P
   20 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com