Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24L010A-10 Datasheet (PDF) - Winbond

W24L010A-10 Datasheet PDF - Winbond
Part # W24L010A-10
Download  W24L010A-10 Download

File Size   152.28 Kbytes
Page   9 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 8 High Speed CMOS Static RAM

W24L010A-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
W24L010A-10 Datasheet PDF - Winbond

Part # W24L010A-10
Download  W24L010A-10 Click to download

File Size   152.28 Kbytes
Page   9 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 8 High Speed CMOS Static RAM

W24L010A-10 Datasheet (HTML) - Winbond

W24L010A-10 Datasheet HTML 1Page - Winbond W24L010A-10 Datasheet HTML 2Page - Winbond W24L010A-10 Datasheet HTML 3Page - Winbond W24L010A-10 Datasheet HTML 4Page - Winbond W24L010A-10 Datasheet HTML 5Page - Winbond W24L010A-10 Datasheet HTML 6Page - Winbond W24L010A-10 Datasheet HTML 7Page - Winbond W24L010A-10 Datasheet HTML 8Page - Winbond W24L010A-10 Datasheet HTML 9Page - Winbond

W24L010A-10 Product details

GENERAL DESCRIPTION

The W24L010A is a high speed, low power CMOS static RAM organized as 131072 ´ 8 bits that operates on a single 3.3-volt power supply. This device is manufactured using Winbonds high performance CMOS technology.



FEATURES
• High speed access time:10/12/15 nS (max.)
• Low power consumption:
    - Active: 300 mW (typ.)
• Single +3.3V power supply
• Fully static operation
• All inputs and outputs directly TTL/LVTTL compatible
• Three-state outputs
• Available packages: 32-pin 300 mil SOJ, skinny DIP and TSOP




Similar Part No. - W24L010A-10

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
W24L011A-10 WINBOND-W24L011A-10 Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
W24L011A-12 WINBOND-W24L011A-12 Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
W24L011A-15 WINBOND-W24L011A-15 Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Similar Description - W24L010A-10

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com