Electronic Components Datasheet Search |
|
2CL2G Datasheet (PDF) - GETAI ELECTRONICS DEVICE CO., LTD |
2CL2G Datasheet (PDF) |
Download Datasheet |
Part # | 2CL2G |
Download | 2CL2G Click to download |
File Size | 63.5 Kbytes |
Page | 1 Pages |
Manufacturer | GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD] |
Direct Link | http://www.hvgtsemi.com |
Logo | |
Description | 10kV 100mA HIGH VOLTAGE DIODE |
2CL2G Datasheet (HTML) - GETAI ELECTRONICS DEVICE CO., LTD |
Similar Part No. - 2CL2G |
|
Similar Description - 2CL2G |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |