Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27E520W-70 Datasheet (PDF) - Winbond

W27E520W-70 Datasheet PDF - Winbond
Part # W27E520W-70
Download  W27E520W-70 Download

File Size   234.66 Kbytes
Page   16 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 8 ELECTRICALLY ERASABLE EPROM

W27E520W-70 Datasheet (PDF)

Go To PDF Page Download Datasheet
W27E520W-70 Datasheet PDF - Winbond

Part # W27E520W-70
Download  W27E520W-70 Click to download

File Size   234.66 Kbytes
Page   16 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 8 ELECTRICALLY ERASABLE EPROM

W27E520W-70 Datasheet (HTML) - Winbond

Back Button W27E520W-70 Datasheet HTML 1Page - Winbond W27E520W-70 Datasheet HTML 2Page - Winbond W27E520W-70 Datasheet HTML 3Page - Winbond W27E520W-70 Datasheet HTML 4Page - Winbond W27E520W-70 Datasheet HTML 5Page - Winbond W27E520W-70 Datasheet HTML 6Page - Winbond W27E520W-70 Datasheet HTML 7Page - Winbond W27E520W-70 Datasheet HTML 8Page - Winbond W27E520W-70 Datasheet HTML 9Page - Winbond W27E520W-70 Datasheet HTML 10Page - Winbond Next Button 

W27E520W-70 Product details

GENERAL DESCRIPTION
The W27E520 is a high speed, low power Electrically Erasable and Programmable Read Only Memory organized as 65,536 x 8 bits. It includes latches for the lower 8 address lines to multiplex with the 8 data lines. To cooperate with the MCU, this device could save the external TTL component, also cost and space. It requires only one supply in the range of 4.5V to 5.5V in normal read mode. The W27E520 provides an electrical chip erase function. It will be a great convenient when you need to change/update the contents in the device.

FEATURES
• High speed access time: 70/90 nS (max.)
• Read operating current: 20 mA (max.)
• Erase/Programming operating current 30 mA (max.)
• Standby current: 100 μA (max.)
• Unregulated battery power supply range, 4.5V to 5.5V
• +13V erase and programming voltage
• High Reliability CMOS Technology
    - 2K V ESD Protection
    - 200 mA Latchup Immunity
• Fully static operation
• All inputs and outputs directly TTL/CMOS compatible
• Three-state outputs
• Available packages: 20-pin TSSOP and 20-pin SOP




Similar Part No. - W27E520W-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E512-12 WINBOND-W27E512-12 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E512-15 WINBOND-W27E512-15 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E512-45 WINBOND-W27E512-45 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E512-55 WINBOND-W27E512-55 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
More results


Similar Description - W27E520W-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com