Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83193R-02 Datasheet (PDF) - Winbond

W83193R-02 Datasheet PDF - Winbond
Part # W83193R-02
Download  W83193R-02 Download

File Size   244.59 Kbytes
Page   18 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 83.3 MHZ 3-DIMM CLOCK

W83193R-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
W83193R-02 Datasheet PDF - Winbond

Part # W83193R-02
Download  W83193R-02 Click to download

File Size   244.59 Kbytes
Page   18 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 83.3 MHZ 3-DIMM CLOCK

W83193R-02 Datasheet (HTML) - Winbond

Back Button W83193R-02 Datasheet HTML 1Page - Winbond W83193R-02 Datasheet HTML 2Page - Winbond W83193R-02 Datasheet HTML 3Page - Winbond W83193R-02 Datasheet HTML 4Page - Winbond W83193R-02 Datasheet HTML 5Page - Winbond W83193R-02 Datasheet HTML 6Page - Winbond W83193R-02 Datasheet HTML 7Page - Winbond W83193R-02 Datasheet HTML 8Page - Winbond W83193R-02 Datasheet HTML 9Page - Winbond W83193R-02 Datasheet HTML 10Page - Winbond Next Button 

W83193R-02 Product details

GENERAL DESCRIPTION
The W83193R-02/-04/-04A is a Main board Clock Synthesizer which provides all clocks required for high-speed RISC or CISC microprocessor such as Intel PentiumPro, PentiumII, AMD or Cyrix. Eight different frequency of CPU and PCI clocks are externally selectable with smooth transitions.

FEATURES
• Supports PentiumÔ, PentiumÔ Pro, PentiumÔ II, AMD and Cyrix CPUs with I2C.
• 4 CPU clocks
• 12 SDRAM clocks for 3 DIMs.
• 7 PCI synchronous clocks.
• One IOAPIC clock for multiprocessor support.
• Optional single or mixed supply: (VDD = VDDq3 = VDDq2 = VDDq2b = 3.3V) or (VDD = VDDq3 = 3.3V, VDDq2 = VDD2b = 2.5V)
• < 250 pS skew among CPU and SDRAM clocks.
• < 250 pS skew among PCI clocks.
• Smooth frequency switch with selections from 50 MHz to 83.3 MHz CPU. (W83193R-04)
• Smooth frequency switch with selections from 50 MHz to 112 MHz CPU. (W83193R-04A)
• I2C 2-Wire serial interface and I2C read back.
• Spread spectrum function to reduce EMI.
• Programmable registers to enable/stop each output and select modes (mode as Tri-state or Normal)
• MODE pin for power Management
• 48 MHz for USB
• 24 MHz for super I/O
• Packaged in 48-pin SSOP




Similar Part No. - W83193R-02

ManufacturerPart #DatasheetDescription
logo
Winbond
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
   83.MHZ 3-DIMM CLOCK
More results


Similar Description - W83193R-02

ManufacturerPart #DatasheetDescription
logo
Winbond
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
   83.MHZ 3-DIMM CLOCK
logo
Integrated Technology F...
241101B ITF-241101B Datasheet
165Kb / 2P
   83.3 MHz SAW Filter
logo
Winbond
W83194R-39 WINBOND-W83194R-39 Datasheet
277Kb / 21P
   100MHZ 3-DIMM CLOCK
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
W83194BR-KX WINBOND-W83194BR-KX Datasheet
170Kb / 12P
   STEP-LESS 3-DIMM K7 CLOCK
W83194BR-KT WINBOND-W83194BR-KT Datasheet
177Kb / 13P
   STEP-LESS 3-DIMM K7 CLOCK
logo
Cypress Semiconductor
W48S87-04 CYPRESS-W48S87-04 Datasheet
201Kb / 21P
   Spread Spectrum 3 DIMM Desktop Clock
logo
Winbond
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83195BR-25 WINBOND-W83195BR-25 Datasheet
264Kb / 18P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com