Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK433-330N-E Datasheet (PDF) - Sanyo Semicon Device

STK433-330N-E Datasheet PDF - Sanyo Semicon Device
Part # STK433-330N-E
Download  STK433-330N-E Download

File Size   279.38 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3channel class-AB Audio Power IC 150W150W150W

STK433-330N-E Datasheet (PDF)

Go To PDF Page Download Datasheet
STK433-330N-E Datasheet PDF - Sanyo Semicon Device

Part # STK433-330N-E
Download  STK433-330N-E Click to download

File Size   279.38 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3channel class-AB Audio Power IC 150W150W150W

STK433-330N-E Datasheet (HTML) - Sanyo Semicon Device

Back Button STK433-330N-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-330N-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

STK433-330N-E Product details

Overview

The STK433-060N-E is a hybrid IC designed to be used in 50W ×2ch class AB audio power amplifiers.



Features

•Pin-to-pin compatible outputs ranging from 40W to 150W.

•Output load impedance: RL= 6Ωrecommended.

•Allows the use of predesigned applications for standby and mute circuit.

•Miniature package.

•Allowable load shorted time: 0.3 second



Application

•Audio Power amplifiers




Similar Part No. - STK433-330N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results


Similar Description - STK433-330N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
   2channel class-AB Audio Power IC 150W150W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
logo
Monolithic Power System...
EV7720DS-7782-00D MPS-EV7720DS-7782-00D Datasheet
628Kb / 11P
   150W Class D 5.1 Channel Audio Board
logo
MicroPower Direct, LLC
LDC-150 MPD-LDC-150 Datasheet
1Mb / 4P
   150W Output Power
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
logo
MicroPower Direct, LLC
LDC-120 MPD-LDC-120 Datasheet
1Mb / 4P
   150W Output Power
logo
Mospec Semiconductor
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
   150W ITE POWER SUPPLIES
2022.10
logo
Mospec Semiconductor
2N5875 MOSPEC-2N5875 Datasheet
124Kb / 3P
   POWER TRANSISTORS(10A,150W)
2N6050 MOSPEC-2N6050 Datasheet
188Kb / 4P
   POWER TRANSISTORS(12A,150W)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com