Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1853 Datasheet (PDF) - Analog Devices

AD1853 Datasheet PDF - Analog Devices
Part # AD1853
Download  AD1853 Download

File Size   416.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, 24-Bit, 192 kHz, Multibit DAC

AD1853 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1853 Datasheet PDF - Analog Devices

Part # AD1853
Download  AD1853 Click to download

File Size   416.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, 24-Bit, 192 kHz, Multibit DAC

AD1853 Datasheet (HTML) - Analog Devices

Back Button AD1853 Datasheet HTML 1Page - Analog Devices AD1853 Datasheet HTML 2Page - Analog Devices AD1853 Datasheet HTML 3Page - Analog Devices AD1853 Datasheet HTML 4Page - Analog Devices AD1853 Datasheet HTML 5Page - Analog Devices AD1853 Datasheet HTML 6Page - Analog Devices AD1853 Datasheet HTML 7Page - Analog Devices AD1853 Datasheet HTML 8Page - Analog Devices AD1853 Datasheet HTML 9Page - Analog Devices AD1853 Datasheet HTML 10Page - Analog Devices Next Button 

AD1853 Product details

PRODUCT OVERVIEW
The AD1853 is a complete high performance single-chip stereo digital audio playback system. It is comprised of a high performance digital interpolation filter, a multibit sigma-delta modulator, and a continuous-time current-out analog DAC section. Other features include an on-chip clickless stereo attenuator and mute capability, programmed through an SPIcompatible serial control port. The AD1853 is fully compatible with all known DVD formats and supports 48 kHz, 96 kHz and 192 kHz sample rates with up to 24 bits word lengths. It also provides the “Redbook” standard 50 µs/15 µs digital de-emphasis filters at sample rates of 32 kHz, 44.1 kHz and 48 kHz.

FEATURES
    5 V Stereo Audio DAC System
    Accepts 16-/18-/20-/24-Bit Data
    Supports 24 Bits and 192 kHz Sample Rate
    Accepts a Wide Range of Sample Rates Including: 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz and 192 kHz
    Multibit Sigma-Delta Modulator with “Perfect Differential Linearity Restoration” for Reduced Idle Tones and Noise Floor
    Data Directed Scrambling DAC—Least Sensitive to Jitter
    Differential Output for Optimum Performance
    120 dB Signal to Noise (Not Muted) at 48 kHz (A-Weighted Mono)
    117 dB Signal to Noise (Not Muted) at 48 kHz (A-Weighted Stereo)
    119 dB Dynamic Range (Not Muted) at 48 kHz Sample Rate (A-Weighted Mono)
    116 dB Dynamic Range (Not Muted) at 48 kHz Sample Rate (A-Weighted Stereo)
    –107 dB THD+N (Mono Application Circuit, See Figure 30)
    –104 dB THD+N (Stereo)
    115 dB Stopband Attenuation (96 kHz)
    On-Chip Clickless Volume Control
    Hardware and Software Controllable Clickless Mute
    Serial (SPI) Control for: Serial Mode, Number of Bits, Interpolation Factor, Volume, Mute, De-Emphasis, Reset
    Digital De-Emphasis Processing for 32, 44.1 and 48 kHz Sample Rates
    Clock Auto-Divide Circuit Supports Five Master-Clock Frequencies
    Flexible Serial Data Port with Right-Justified, LeftJustified, I2S-Compatible and DSP Serial Port Modes
    28-Lead SSOP Plastic Package

APPLICATIONS
    Hi End: DVD, CD, Home Theater Systems, Automotive Audio Systems, Sampling Musical Keyboards, Digital Mixing Consoles, Digital Audio Effects Processors




Similar Part No. - AD1853

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853JRS AD-AD1853JRS Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853JRSRL AD-AD1853JRSRL Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Similar Description - AD1853

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com