Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1674TD Datasheet (PDF) - Analog Devices

AD1674TD Datasheet PDF - Analog Devices
Part # AD1674TD
Download  AD1674TD Download

File Size   255.14 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit 100 kSPS A/D Converter

AD1674TD Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1674TD Datasheet PDF - Analog Devices

Part # AD1674TD
Download  AD1674TD Click to download

File Size   255.14 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit 100 kSPS A/D Converter

AD1674TD Datasheet (HTML) - Analog Devices

Back Button AD1674TD Datasheet HTML 1Page - Analog Devices AD1674TD Datasheet HTML 2Page - Analog Devices AD1674TD Datasheet HTML 3Page - Analog Devices AD1674TD Datasheet HTML 4Page - Analog Devices AD1674TD Datasheet HTML 5Page - Analog Devices AD1674TD Datasheet HTML 6Page - Analog Devices AD1674TD Datasheet HTML 7Page - Analog Devices AD1674TD Datasheet HTML 8Page - Analog Devices AD1674TD Datasheet HTML 9Page - Analog Devices AD1674TD Datasheet HTML 10Page - Analog Devices Next Button 

AD1674TD Product details

PRODUCT DESCRIPTION

The AD1674 is a complete, multipurpose, 12-bit analog-to digital converter, consisting of a user-transparent onboard sample-and-hold amplifier (SHA), 10 volt reference, clock and three-state output buffers for microprocessor interface. The AD1674 is pin compatible with the industry standard AD574A and AD674A, but includes a sampling function while delivering a faster conversion rate. The on-chip SHA has a wide input bandwidth supporting 12-bit accuracy over the full Nyquist bandwidth of the converter.



FEATURES

Complete Monolithic 12-Bit 10 ms Sampling ADC

On-Board Sample-and-Hold Amplifier

Industry Standard Pinout

8- and 16-Bit Microprocessor Interface

AC and DC Specified and Tested

Unipolar and Bipolar Inputs

65 V, 610 V, 0 V–10 V, 0 V–20 V Input Ranges

Commercial, Industrial and Military Temperature Range Grades

MIL-STD-883 and SMD Compliant Versions Available




Similar Part No. - AD1674TD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1674TD AD-AD1674TD Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674TD AD-AD1674TD Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674TD AD-AD1674TD Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674TD AD-AD1674TD Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
More results


Similar Description - AD1674TD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
AD1674JRZ-REEL AD-AD1674JRZ-REEL Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JNZ AD-AD1674JNZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977 Datasheet
266Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com