Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER605 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

HER605 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # HER605
Download  HER605 Download

File Size   290.01 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description High Efficiency Rectifiers

HER605 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER605 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HER605
Download  HER605 Click to download

File Size   290.01 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description High Efficiency Rectifiers

HER605 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

HER605 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd HER605 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

HER605 Product details

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 6.0 A



Features

◇ Low cost

◇ Low leakage

◇ Low forward voltage drop

◇ High current capability

◇ Easily cleaned with alcohol,Isopropanol and similar solvents

◇ The plastic material carries U/L recognition 94V-0



 




Similar Part No. - HER605

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER605 DGNJDZ-HER605 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
HER605 WTE-HER605 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
New Jersey Semi-Conduct...
HER605 NJSEMI-HER605 Datasheet
158Kb / 2P
   HIGH EFFICIENT RECTIFIER DIODES
logo
UNIOHM CORPORATION
HER605 UNIOHM-HER605 Datasheet
69Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Rugao Dachang Electroni...
HER605 DACHANG-HER605 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 6.0A
More results


Similar Description - HER605

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com