Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD571J Datasheet (PDF) - Analog Devices

AD571J Datasheet PDF - Analog Devices
Part # AD571J
Download  AD571J Download

File Size   295.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit A/D Converter

AD571J Datasheet (PDF)

Go To PDF Page Download Datasheet
AD571J Datasheet PDF - Analog Devices

Part # AD571J
Download  AD571J Click to download

File Size   295.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit A/D Converter

AD571J Datasheet (HTML) - Analog Devices

AD571J Datasheet HTML 1Page - Analog Devices AD571J Datasheet HTML 2Page - Analog Devices AD571J Datasheet HTML 3Page - Analog Devices AD571J Datasheet HTML 4Page - Analog Devices AD571J Datasheet HTML 5Page - Analog Devices AD571J Datasheet HTML 6Page - Analog Devices AD571J Datasheet HTML 7Page - Analog Devices AD571J Datasheet HTML 8Page - Analog Devices

AD571J Product details

PRODUCT DESCRIPTION
The AD571 is an 10-bit successive approximation A/D converter consisting of a DAC, voltage reference, clock, comparator, successive approximation register and output buffers—all fabricated on a single chip. No external components are required to perform a full accuracy 10-bit conversion in 40 µs.

FEATURES
    Complete A/D Converter with Reference and Clock
    Fast Successive Approximation Conversion: 40 μs max
    No Missing Codes Over Temperature 0°C to +70°C: AD571K –55°C to +125°C: AD571S
    Digital Multiplexing: Three-State Outputs
    18-Pin Ceramic DIP
    Low Cost Monolithic Construction




Similar Part No. - AD571J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD571JD AD-AD571JD Datasheet
563Kb / 9P
   10-Bit A/D Converter
More results


Similar Description - AD571J

ManufacturerPart #DatasheetDescription
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
   10-Bit A/D Converter
5962-8850501RA AD-5962-8850501RA Datasheet
593Kb / 10P
   10-Bit A/D Converter
REV. B
AD573 AD-AD573 Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573 AD-AD573_17 Datasheet
517Kb / 11P
   10-Bit A/D Converter
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Fujitsu Component Limit...
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
   1CHANNEL 10-BIT D/A CONVERTER
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com