Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD627BN Datasheet (PDF) - Analog Devices

AD627BN Datasheet PDF - Analog Devices
Part # AD627BN
Download  AD627BN Download

File Size   545.14 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier

AD627BN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD627BN Datasheet PDF - Analog Devices

Part # AD627BN
Download  AD627BN Click to download

File Size   545.14 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier

AD627BN Datasheet (HTML) - Analog Devices

Back Button AD627BN Datasheet HTML 1Page - Analog Devices AD627BN Datasheet HTML 2Page - Analog Devices AD627BN Datasheet HTML 3Page - Analog Devices AD627BN Datasheet HTML 4Page - Analog Devices AD627BN Datasheet HTML 5Page - Analog Devices AD627BN Datasheet HTML 6Page - Analog Devices AD627BN Datasheet HTML 7Page - Analog Devices AD627BN Datasheet HTML 8Page - Analog Devices AD627BN Datasheet HTML 9Page - Analog Devices AD627BN Datasheet HTML 10Page - Analog Devices Next Button 

AD627BN Product details

GENERAL DESCRIPTION
The AD627 is an integrated, micropower instrumentation amplifier that delivers rail-to-rail output swing on single and dual (+2.2 V to ±18 V) supplies. The AD627 provides excellent ac and dc specifications while operating at only 85 μA maximum.

FEATURES
   Micropower, 85 μA maximum supply current
   Wide power supply range (+2.2 V to ±18 V)
   Easy to use
        Gain set with one external resistor
        Gain range 5 (no resistor) to 1000
   Higher performance than discrete designs
   Rail-to-rail output swing
   High accuracy dc performance
       0.03% typical gain accuracy (G = +5) (AD627A)
       10 ppm/°C typical gain drift (G = +5)
       125 μV maximum input offset voltage (AD627B dual supply)
       200 μV maximum input offset voltage (AD627A dual supply)
       1 μV/°C maximum input offset voltage drift (AD627B)
       3 μV/°C maximum input offset voltage drift (AD627A)
       10 nA maximum input bias current
   Noise: 38 nV/√Hz RTI noise @ 1 kHz (G = +100)
   Excellent ac specifications
     AD627A: 77 dB minimum CMRR (G = +5)
     AD627B: 83 dB minimum CMRR (G = +5)
     80 kHz bandwidth (G = +5)
     135 μs settling time to 0.01% (G = +5, 5 V step)

APPLICATIONS
   4 to 20 mA loop-powered applications
   Low power medical instrumentation—ECG, EEG
   Transducer interfacing
   Thermocouple amplifiers
   Industrial process controls
   Low power data acquisition
   Portable battery-powered instruments




Similar Part No. - AD627BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627BN AD-AD627BN Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AD627BNZ AD-AD627BNZ Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AD627BNZ AD-AD627BNZ Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
More results


Similar Description - AD627BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Analog Devices
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com