Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD707AH Datasheet (PDF) - Analog Devices

AD707AH Datasheet PDF - Analog Devices
Part # AD707AH
Download  AD707AH Download

File Size   326.43 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Drift Op Amp

AD707AH Datasheet (PDF)

Go To PDF Page Download Datasheet
AD707AH Datasheet PDF - Analog Devices

Part # AD707AH
Download  AD707AH Click to download

File Size   326.43 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Drift Op Amp

AD707AH Datasheet (HTML) - Analog Devices

AD707AH Datasheet HTML 1Page - Analog Devices AD707AH Datasheet HTML 2Page - Analog Devices AD707AH Datasheet HTML 3Page - Analog Devices AD707AH Datasheet HTML 4Page - Analog Devices AD707AH Datasheet HTML 5Page - Analog Devices AD707AH Datasheet HTML 6Page - Analog Devices AD707AH Datasheet HTML 7Page - Analog Devices AD707AH Datasheet HTML 8Page - Analog Devices

AD707AH Product details

PRODUCT DESCRIPTION
The AD707 is a low cost, high precision op amp with state-of-the-art performance that makes it ideal for a wide range of precision applications. The offset voltage spec of less than 15 µV is the best available in a bipolar op amp, and maximum input offset current is 1.0 nA. The top grade is the first bipolar monolithic op amp to offer a maximum offset voltage drift of 0.1 µV/°C, and offset current drift and input bias current drift are both specified at 25 pA/°C maximum.
The AD707’s open-loop gain is 8 V/µV minimum over the full ±10 V output range when driving a 1 kΩ load. Maximum input voltage noise is 350 nV p-p (0.1 Hz to 10 Hz). CMRR and PSRR are 130 dB and 120 dB minimum, respectively.
The AD707 is available in versions specified over commercial, industrial and military temperature ranges. It is offered in 8-pin plastic mini-DIP, small outline (SOIC), hermetic cerdip and hermetic TO-99 metal can packages. Chips, MIL-STD-883B, Rev. C, and tape & reel parts are also available.

FEATURES
  Very High DC Precision
  15 mV max Offset Voltage
  0.1 mV/8C max Offset Voltage Drift
  0.35 mV p-p max Voltage Noise (0.1 Hz to 10 Hz}
  8 V/mV min Open-Loop Gain
  130 dB min CMRR
  120 dB min PSRR
  1 nA max Input Bias Current

AC Performance
  0.3 V/ms Slew Rate
  0.9 MHz Closed-Loop Bandwidth
  Dual Version: AD708
  Available in Tape and Reel in Accordance with EIA-481A Standard
 
APPLICATION HIGHLIGHTS
1. The AD707’s 13 V/µV typical open-loop gain and 140 dB typical common-mode rejection ratio make it ideal for precision instrumentation applications.
2. The precision of the AD707 makes tighter error budgets possible at a lower cost.
3. The low offset voltage drift and low noise of the AD707 allow the designer to amplify very small signals without sacrificing overall system performance.
4. The AD707 can be used where chopper amplifiers are required, but without the inherent noise and application problems.
5. The AD707 is an improved pin-for-pin replacement for the LT1001.




Similar Part No. - AD707AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD707AH AD-AD707AH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results


Similar Description - AD707AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com