Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3021 Datasheet (PDF) - Littelfuse

SP3021 Datasheet PDF - Littelfuse
Part # SP3021
Download  SP3021 Download

File Size   1639.48 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).

SP3021 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3021 Datasheet PDF - Littelfuse

Part # SP3021
Download  SP3021 Click to download

File Size   1639.48 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).

SP3021 Datasheet (HTML) - Littelfuse

SP3021 Datasheet HTML 1Page - Littelfuse SP3021 Datasheet HTML 2Page - Littelfuse SP3021 Datasheet HTML 3Page - Littelfuse SP3021 Datasheet HTML 4Page - Littelfuse

SP3021 Product details

Description

The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD). These robust diodes can safely absorb repetitive ESD strikes up to the maximum level specified in the IEC61000-4-2 international standard without performance degradation. The back-to back configuration provides symmetrical ESD protection for data lines when AC signals are present.



Features

• ESD protection of ±8kV contact discharge, ±15kV air discharge, (IEC61000-4-2)

• EFT, IEC61000-4-4, 40A (5/50ns)

• Lightning protection, IEC61000-4-5, 2A (tp=8/20µs)

• Low capacitance of 0.5pF @ VR=0V

• Low leakage current of 1μA at 5V

• 0402 small footprint available



Applications

• USB 3.0/USB 2.0

• MHL/MIPI/MDDI

• HDMI, Display Port, eSATA

• Set Top Boxes, Game Consoles

• Smart Phones

• External Storage

• Ultrabooks, Notebooks

• Tablets, eReaders



 




Similar Part No. - SP3021

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP3020R SECOS-SP3020R Datasheet
287Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
logo
Littelfuse
SP3022 LITTELFUSE-SP3022 Datasheet
860Kb / 5P
   SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3022-01ETG LITTELFUSE-SP3022-01ETG Datasheet
860Kb / 5P
   SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3022-01WTG LITTELFUSE-SP3022-01WTG Datasheet
860Kb / 5P
   SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3025-04HTG LITTELFUSE-SP3025-04HTG Datasheet
1Mb / 5P
   TVS Diode Arrays (SPA? ? DDiiooddeess)) Lightning Surge Protection- SP3384NUTG
Revision: 01/14/20
More results


Similar Description - SP3021

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1008 LITTELFUSE-SP1008 Datasheet
1Mb / 4P
   The SP1008 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide...
SP3031 LITTELFUSE-SP3031 Datasheet
1Mb / 4P
   The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SP1026 LITTELFUSE-SP1026 Datasheet
2Mb / 5P
   Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience
SP1006 LITTELFUSE-SP1006 Datasheet
1Mb / 4P
   Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience...
SP1043 LITTELFUSE-SP1043 Datasheet
2Mb / 4P
   Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience
logo
Guangdong Youtai Semico...
ESD5Z3V3 UMW-ESD5Z3V3 Datasheet
298Kb / 4P
   The ESD5Z3V3 is a transient voltage suppressors (TVS) which provide a very high level protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).
logo
Littelfuse
AQ2555NUTG LITTELFUSE-AQ2555NUTG Datasheet
2Mb / 5P
   The AQ2555NUTG is a low-capacitance, TVS Diode Array designed to provide protection against ESD
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
   high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
Micro Commercial Compon...
ESDSB5V0D3BHE3 MCC-ESDSB5V0D3BHE3 Datasheet
1Mb / 4P
   Snap Back ESD Protection Device
Rev.3-1-01042023
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
   BACK TO BACK SCR MODULE
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com