Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD736BR Datasheet (PDF) - Analog Devices

AD736BR Datasheet PDF - Analog Devices
Part # AD736BR
Download  AD736BR Download

File Size   218.12 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power, True RMS-to-DC Converter

AD736BR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD736BR Datasheet PDF - Analog Devices

Part # AD736BR
Download  AD736BR Click to download

File Size   218.12 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power, True RMS-to-DC Converter

AD736BR Datasheet (HTML) - Analog Devices

AD736BR Datasheet HTML 1Page - Analog Devices AD736BR Datasheet HTML 2Page - Analog Devices AD736BR Datasheet HTML 3Page - Analog Devices AD736BR Datasheet HTML 4Page - Analog Devices AD736BR Datasheet HTML 5Page - Analog Devices AD736BR Datasheet HTML 6Page - Analog Devices AD736BR Datasheet HTML 7Page - Analog Devices AD736BR Datasheet HTML 8Page - Analog Devices

AD736BR Product details

GENERAL DESCRIPTION
The AD736 is a low power, precision, monolithic true rms-to dc converter. It is laser trimmed to provide a maximum error of ±0.3 mV ± 0.3% of reading with sine wave inputs. Furthermore, it maintains high accuracy while measuring a wide range of input waveforms, including variable duty-cycle pulses and triac (phase)-controlled sine waves. The low cost and small size of this converter make it suitable for upgrading the performance of non-rms precision rectifiers in many applications. Compared to these circuits, the AD736 offers higher accuracy at an equal or lower cost.

FEATURES
   Converts an ac voltage waveform to a dc voltage and then
      converts to the true rms, average rectified, or absolute value
      200 mV rms full-scale input range (larger inputs with input
         attenuator)
      High input impedance: 1012 Ω
      Low input bias current: 25 pA maximum
      High accuracy: ±0.3 mV ± 0.3% of reading
      RMS conversion with signal crest factors up to 5
      Wide power supply range: +2.8 V, −3.2 V to ±16.5 V
      Low power: 200 µA maximum supply current
      Buffered voltage output
      No external trims needed for specified accuracy
   Related device: the AD737—features a power-down control
      with standby current of only 25 μA; the dc output voltage
      is negative and the output impedance is 8 kΩ




Similar Part No. - AD736BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD736BR-REEL AD-AD736BR-REEL Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736BR-REEL7 AD-AD736BR-REEL7 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736BRZ AD-AD736BRZ Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736BRZ-R7 AD-AD736BRZ-R7 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736BRZ-RL AD-AD736BRZ-RL Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results


Similar Description - AD736BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD737 AD-AD737_12 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736 AD-AD736_12 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com