Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7476ART Datasheet (PDF) - Analog Devices

AD7476ART Datasheet PDF - Analog Devices
Part # AD7476ART
Download  AD7476ART Download

File Size   360.34 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23

AD7476ART Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7476ART Datasheet PDF - Analog Devices

Part # AD7476ART
Download  AD7476ART Click to download

File Size   360.34 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23

AD7476ART Datasheet (HTML) - Analog Devices

Back Button AD7476ART Datasheet HTML 1Page - Analog Devices AD7476ART Datasheet HTML 2Page - Analog Devices AD7476ART Datasheet HTML 3Page - Analog Devices AD7476ART Datasheet HTML 4Page - Analog Devices AD7476ART Datasheet HTML 5Page - Analog Devices AD7476ART Datasheet HTML 6Page - Analog Devices AD7476ART Datasheet HTML 7Page - Analog Devices AD7476ART Datasheet HTML 8Page - Analog Devices AD7476ART Datasheet HTML 9Page - Analog Devices AD7476ART Datasheet HTML 10Page - Analog Devices Next Button 

AD7476ART Product details

GENERAL DESCRIPTION
The AD7476/AD7477/AD7478 are, respectively, 12-bit, 10-bit, and 8-bit, high speed, low power, successive-approximation ADCs. The parts operate from a single 2.35 V to 5.25 V power supply and feature throughput rates up to 1 MSPS. The parts contain a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 6 MHz.
The conversion process and data acquisition are controlled using CS and the serial clock, allowing the devices to interface with microprocessors or DSPs. The input signal is sampled on the falling edge of CS and the conversion is also initiated at this point. There are no pipeline delays associated with the part.
The AD7476/AD7477/AD7478 use advanced design techniques to achieve very low power dissipation at high throughput rates.
The reference for the part is taken internally from VDD. This allows the widest dynamic input range to the ADC. Thus the analog input range for the part is 0 V to VDD. The conversion rate is determined by the SCLK.

FEATURES
   Fast Throughput Rate: 1 MSPS
   Specified for VDD of 2.35 V to 5.25 V
   Low Power:
      3.6 mW Typ at 1 MSPS with 3 V Supplies
      15 mW Typ at 1 MSPS with 5 V Supplies
   Wide Input Bandwidth:
      70 dB SNR at 100 kHz Input Frequency
   Flexible Power/Serial Clock Speed Management
   No Pipeline Delays
   High Speed Serial Interface
      SPI®/QSPI™/MICROWIRE™/DSP Compatible
   Standby Mode: 1 μA Max
   6-Lead SOT-23 Package

APPLICATIONS
   Battery-Powered Systems
      Personal Digital Assistants
      Medical Instruments
      Mobile Communications
   Instrumentation and Control Systems
   Data Acquisition Systems
   High Speed Modems
   Optical Sensors




Similar Part No. - AD7476ART

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476ARTZ-500RL73 AD-AD7476ARTZ-500RL73 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476ARTZ-REEL3 AD-AD7476ARTZ-REEL3 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476ARTZ-REEL73 AD-AD7476ARTZ-REEL73 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Similar Description - AD7476ART

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com