Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP20CA Datasheet (PDF) - MERITEK ELECTRONICS CORPORATION

5KP20CA Datasheet PDF - MERITEK ELECTRONICS CORPORATION
Part # 5KP20CA
Download  5KP20CA Download

File Size   253.32 Kbytes
Page   4 Pages
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION
Description Transient Voltage Suppressors

5KP20CA Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP20CA Datasheet PDF - MERITEK ELECTRONICS CORPORATION

Part # 5KP20CA
Download  5KP20CA Click to download

File Size   253.32 Kbytes
Page   4 Pages
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION
Description Transient Voltage Suppressors

5KP20CA Datasheet (HTML) - MERITEK ELECTRONICS CORPORATION

5KP20CA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 5KP20CA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 5KP20CA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 5KP20CA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION

5KP20CA Product details

FEATURES

◇ Plastic package.

◇ Glass passivated chip junction.

◇ 5,000W Peak Pulse Power capability on 10/1000µs waveform.

◇ Excellent clamping capability.

◇ Repetition rate (duty cycle): 0.05%.

◇ Low incremental surge resistance.

◇ Fast response time: typically less than 1.0ps from 0 volt to BV min.

◇ Typical IR less than 2µA for VBR>=10V.

◇ High temperature soldering guaranteed: 265°C/10 seconds/.375", (9.5mm) lead length, 5lbs, (2.3kg) tension.



 




Similar Part No. - 5KP20CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP20CA LUGUANG-5KP20CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP20CA SURGE-5KP20CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
SeCoS Halbleitertechnol...
5KP20CA SECOS-5KP20CA Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
CHENG-YI ELECTRONIC CO....
5KP20CA CHENG-YI-5KP20CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
5KP20CA DAESAN-5KP20CA Datasheet
375Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 5KP20CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com