Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7709 Datasheet (PDF) - Analog Devices

AD7709 Datasheet PDF - Analog Devices
Part # AD7709
Download  AD7709 Download

File Size   248.03 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port

AD7709 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7709 Datasheet PDF - Analog Devices

Part # AD7709
Download  AD7709 Click to download

File Size   248.03 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port

AD7709 Datasheet (HTML) - Analog Devices

Back Button AD7709 Datasheet HTML 1Page - Analog Devices AD7709 Datasheet HTML 2Page - Analog Devices AD7709 Datasheet HTML 3Page - Analog Devices AD7709 Datasheet HTML 4Page - Analog Devices AD7709 Datasheet HTML 5Page - Analog Devices AD7709 Datasheet HTML 6Page - Analog Devices AD7709 Datasheet HTML 7Page - Analog Devices AD7709 Datasheet HTML 8Page - Analog Devices AD7709 Datasheet HTML 9Page - Analog Devices AD7709 Datasheet HTML 10Page - Analog Devices Next Button 

AD7709 Product details

GENERAL DESCRIPTION
The AD7709 is a complete analog front end for low frequency measurement applications. It contains a 16-bit Σ-Δ ADC, selectable reference inputs, three switchable matched excitation current sources, low-side power switches, and a digital I/O port. The 16-bit channel with PGA accepts fully differential, unipolar, and bipolar input signal ranges from 1.024 x REFIN/128 to 1.024 x REFIN. It can be configured as two fully differential input channels or four pseudo-differential input channels. Signals can be converted directly from a transducer without the need for signal conditioning.


FEATURES
    16-Bit Σ-Δ ADC
    Programmable Gain Front End
    Simultaneous 50 Hz and 60 Hz Rejection at 20 Hz Update Rate
    VREF Select™ Allows Absolute and Ratiometric Measurement Capability
    ISOURCE Select™
    16-Bit No Missing Codes
    13-Bit p-p Resolution @ 20 Hz, 20 mV Range
    16-Bit p-p Resolution @ 20 Hz, 2.56 V Range

INTERFACE
    3-Wire Serial
    SPI®, QSPI™, MICROWIRE™, and DSP Compatible
    Schmitt Trigger on SCLK

POWER
    Specified for Single 3 V and 5 V Operation
    Normal: 1.25 mA Typ @ 3 V
    Power-Down: 7 A (32.768 kHz Crystal Running)

ON-CHIP FUNCTIONS
    Rail-to-Rail Input Buffer and PGA
    Selectable Reference Inputs
    3 Switchable, Ratioed Current Sources for VBE Measurements
    4-Bit Digital I/O Port
Low-Side Power Switches

APPLICATIONS
    Sensor Measurement
    Temperature Measurement
    Pressure Measurements
    Weigh Scales
    Portable Instrumentation
    4–20 mA Loops




Similar Part No. - AD7709

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7709 AD-AD7709 Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
AD7709 AD-AD7709 Datasheet
437Kb / 33P
   16-Bit ADC with Switchable Current Sources
AD7709ARU AD-AD7709ARU Datasheet
428Kb / 32P
   16-Bit - ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
437Kb / 33P
   16-Bit ADC with Switchable Current Sources
More results


Similar Description - AD7709

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
428Kb / 32P
   16-Bit - ADC with Switchable Current Sources
REV. A
AD7709 AD-AD7709_17 Datasheet
437Kb / 33P
   16-Bit ADC with Switchable Current Sources
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com