Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT240L Datasheet (PDF) - Alpha & Omega Semiconductors

AOT240L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT240L
Download  AOT240L Download

File Size   360.51 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V N-Channel MOSFET

AOT240L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT240L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT240L
Download  AOT240L Click to download

File Size   360.51 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V N-Channel MOSFET

AOT240L Datasheet (HTML) - Alpha & Omega Semiconductors

AOT240L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 7Page - Alpha & Omega Semiconductors

AOT240L Product details

General Description
The AOT240L & AOB240L & AOTF240L uses Trench MOSFET technology that is uniquely optimized to provide the most efficient high frequency switching performance. Power losses are minimized due to an extremely low combination of RDS(ON) and Crss.

Product Summary
  VDS                               40V
  ID (at VGS=10V)           105A/85A
  RDS(ON) (at VGS=10V)    < 2.9mΩ (< 2.6mΩ)
  RDS(ON) (at VGS=4.5V)   < 3.7mΩ (< 3.5mΩ)
 
  100% UIS Tested
  100% Rg Tested




Similar Part No. - AOT240L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT240L VBSEMI-AOT240L Datasheet
968Kb / 7P
   N-Channel 4 -V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT240L ISC-AOT240L Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - AOT240L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com