Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD827AQ Datasheet (PDF) - Analog Devices

AD827AQ Datasheet PDF - Analog Devices
Part # AD827AQ
Download  AD827AQ Download

File Size   336.91 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Power Dual Op Amp

AD827AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD827AQ Datasheet PDF - Analog Devices

Part # AD827AQ
Download  AD827AQ Click to download

File Size   336.91 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Low Power Dual Op Amp

AD827AQ Datasheet (HTML) - Analog Devices

AD827AQ Datasheet HTML 1Page - Analog Devices AD827AQ Datasheet HTML 2Page - Analog Devices AD827AQ Datasheet HTML 3Page - Analog Devices AD827AQ Datasheet HTML 4Page - Analog Devices AD827AQ Datasheet HTML 5Page - Analog Devices AD827AQ Datasheet HTML 6Page - Analog Devices AD827AQ Datasheet HTML 7Page - Analog Devices AD827AQ Datasheet HTML 8Page - Analog Devices

AD827AQ Product details

PRODUCT DESCRIPTION
The AD827 is a dual version of Analog Devices’ industry standard AD847 op amp. Like the AD847, it provides high speed, low power performance at low cost. The AD827 achieves a 300 V/µs slew rate and 50 MHz unity-gain bandwidth while consuming only 100 mW when operating from ±5 volt power supplies. Performance is specified for operation using ±5 V to ±15 V power supplies.

FEATURES
   High Speed
     50 MHz Unity Gain Stable Operation
     300 V/ms Slew Rate
     120 ns Settling Time
     Drives Unlimited Capacitive Loads
   Excellent Video Performance
     0.04% Differential Gain @ 4.4 MHz
     0.198 Differential Phase @ 4.4 MHz
   Good DC Performance
     2 mV max Input Offset Voltage
     15 mV/8C Input Offset Voltage Drift
     Available in Tape and Reel in Accordance with EIA-481A Standard
   Low Power
      Only 10 mA Total Supply Current for Both Amplifiers
      5 V to 15 V Supplies




Similar Part No. - AD827AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD827AQ AD-AD827AQ Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827AQ AD-AD827AQ Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
More results


Similar Description - AD827AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_15 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_17 Datasheet
247Kb / 13P
   High Speed, Low Power Dual Op Amp
AD827 AD-AD827_02 Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com