Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1162H Datasheet (PDF) - PowerDynamics, Inc

1162H Datasheet PDF - PowerDynamics, Inc
Part # 1162H
Download  1162H Download

File Size   62.12 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG

1162H Datasheet (PDF)

Go To PDF Page Download Datasheet
1162H Datasheet PDF - PowerDynamics, Inc

Part # 1162H
Download  1162H Click to download

File Size   62.12 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG

1162H Datasheet (HTML) - PowerDynamics, Inc

1162H Datasheet HTML 1Page - PowerDynamics, Inc



Similar Part No. - 1162H

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
116200F00000G AAVID-116200F00000G Datasheet
38Kb / 2P
   Product Change Notification
logo
PHOENIX CONTACT
1162095 PHOENIX-1162095 Datasheet
604Kb / 10P
   Vehicle charging inlet - CHARX T2HBI12-3AC32DC250-2,0M2
1162144 PHOENIX-1162144 Datasheet
606Kb / 10P
   Vehicle charging inlet - CHARX T2HBI12-3AC32DC200-2,0M2
1162148 PHOENIX-1162148 Datasheet
604Kb / 10P
   Vehicle charging inlet - CHARX T2HBI12-1AC32DC250-2,0M2
1162150 PHOENIX-1162150 Datasheet
604Kb / 10P
   Vehicle charging inlet - CHARX T2HBI12-1AC32DC200-2,0M2
More results


Similar Description - 1162H

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
   AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
10086 POWERDYNAMICS-10086 Datasheet
54Kb / 1P
   AMERICAN CORD SET; 230cm LONG NEMA 5-15P TO IEC 60320 C13, LEFT HANDED
10084 POWERDYNAMICS-10084 Datasheet
57Kb / 1P
   AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C13, RIGHT HANDED
10087 POWERDYNAMICS-10087 Datasheet
62Kb / 1P
   AMERICAN CORD SET; 230cm LONG NEMA 5-15P TO IEC 60320 C13; 16/3 SJT
18012 POWERDYNAMICS-18012 Datasheet
50Kb / 1P
   DENMARK CORD SET; 250cm LONG SRAF TO IEC 60320 C13
10092 POWERDYNAMICS-10092 Datasheet
54Kb / 1P
   AMERICAN CORD SET; 230cm LONG NEMA 1-15P TO IEC 60320 C7
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
   AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
19012 POWERDYNAMICS-19012 Datasheet
52Kb / 1P
   JAPAN CORD SET; 250cm LONG JIS 8303 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
   AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
16012 POWERDYNAMICS-16012 Datasheet
56Kb / 1P
   INDIA / SOUTH AFRICA CORD SET; 250cm LONG; BS546/A TO IEC 60320 C13
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com