Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD842SH Datasheet (PDF) - Analog Devices

AD842SH Datasheet PDF - Analog Devices
Part # AD842SH
Download  AD842SH Download

File Size   475.67 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband, High Output Current, Fast Settling Op Amp

AD842SH Datasheet (PDF)

Go To PDF Page Download Datasheet
AD842SH Datasheet PDF - Analog Devices

Part # AD842SH
Download  AD842SH Click to download

File Size   475.67 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband, High Output Current, Fast Settling Op Amp

AD842SH Datasheet (HTML) - Analog Devices

AD842SH Datasheet HTML 1Page - Analog Devices AD842SH Datasheet HTML 2Page - Analog Devices AD842SH Datasheet HTML 3Page - Analog Devices AD842SH Datasheet HTML 4Page - Analog Devices AD842SH Datasheet HTML 5Page - Analog Devices AD842SH Datasheet HTML 6Page - Analog Devices AD842SH Datasheet HTML 7Page - Analog Devices AD842SH Datasheet HTML 8Page - Analog Devices AD842SH Datasheet HTML 9Page - Analog Devices AD842SH Datasheet HTML 10Page - Analog Devices

AD842SH Product details

PRODUCT DESCRIPTION
The AD842 is a member of the Analog Devices family of wide bandwidth operational amplifiers. This device is fabricated using Analog Devices’ junction isolated complementary bipolar (CB) process. This process permits a combination of dc precision and wideband ac performance previously unobtainable in a monolithic op amp. In addition to its 80 MHz gain bandwidth, the AD842 offers extremely fast settling characteristics, typically settling to within 0.01% of final value in less than 100 ns for a 10 volt step.
   
FEATURES
    AC PERFORMANCE
        Gain Bandwidth Product: 80 MHz (Gain = 2)
        Fast Settling: 100 ns to 0.01% for a 10 V Step
        Slew Rate: 375 V/μs
        Stable at Gains of 2 or Greater
        Full Power Bandwidth: 6.0 MHz for 20 V p-p
   
    DC PERFORMANCE
        Input Offset Voltage: 1 mV max
        Input Offset Drift: 14 μV/°C
        Input Voltage Noise: 9 nV/√Hz typ
        Open-Loop Gain: 90 V/mV into a 500 Ω Load
        Output Current: 100 mA min
        Quiescent Supply Current: 14 mA max
   
APPLICATIONS
    Line Drivers
    DAC and ADC Buffers
    Video and Pulse Amplifiers
    Available in Plastic DIP, Hermetic Metal Can,
        Hermetic Cerdip, SOIC and LCC Packages and in
        Chip Form
    MIL-STD-883B Parts Available
    Available in Tape and Reel in Accordance with
        EIA-481A Standard
   




Similar Part No. - AD842SH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD842SCHIPS AD-AD842SCHIPS Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
AD842SQ AD-AD842SQ Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
More results


Similar Description - AD842SH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD842 AD-AD842_17 Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
AD842 AD-AD842_15 Datasheet
360Kb / 16P
   Wideband, High Output Current Fast Settling Op Amp
Rev. F
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Exar Corporation
KH103AI EXAR-KH103AI Datasheet
589Kb / 7P
   Fast Settling, High Current Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
   Fast Settling, High Current Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
   Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
   Wideband, Fast Settling Op Amp
REV. C
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
   Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
   Wideband, Fast Settling Op Amp
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com