Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8534AR Datasheet (PDF) - Analog Devices

AD8534AR Datasheet PDF - Analog Devices
Part # AD8534AR
Download  AD8534AR Download

File Size   417.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 250 mA Output Single-Supply Amplifiers

AD8534AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8534AR Datasheet PDF - Analog Devices

Part # AD8534AR
Download  AD8534AR Click to download

File Size   417.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 250 mA Output Single-Supply Amplifiers

AD8534AR Datasheet (HTML) - Analog Devices

Back Button AD8534AR Datasheet HTML 1Page - Analog Devices AD8534AR Datasheet HTML 2Page - Analog Devices AD8534AR Datasheet HTML 3Page - Analog Devices AD8534AR Datasheet HTML 4Page - Analog Devices AD8534AR Datasheet HTML 5Page - Analog Devices AD8534AR Datasheet HTML 6Page - Analog Devices AD8534AR Datasheet HTML 7Page - Analog Devices AD8534AR Datasheet HTML 8Page - Analog Devices AD8534AR Datasheet HTML 9Page - Analog Devices AD8534AR Datasheet HTML 10Page - Analog Devices Next Button 

AD8534AR Product details

GENERAL DESCRIPTION
The AD8531, AD8532, and AD8534 are single, dual, and quad rail-to-rail input/output single-supply amplifiers featuring 250 mA output drive current. This high output current makes these amplifiers excellent for driving either resistive or capacitive loads. AC performance is very good with 3 MHz bandwidth, 5 V/μs slew rate, and low distortion. All are guaranteed to operate from a 3 V single supply as well as a 5 V supply.
   
FEATURES
    Single-supply operation: 2.7 V to 6 V
    High output current: ±250 mA
    Low supply current: 750 μA/amplifier
    Wide bandwidth: 3 MHz
    Slew rate: 5 V/μs
    No phase reversal
    Low input currents
    Unity gain stable
    Rail-to-rail input and output
   
APPLICATIONS
    Multimedia audio
    LCD drivers
    ASIC input or output amplifiers
    Headphone drivers
   




Similar Part No. - AD8534AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8534AR AD-AD8534AR Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8534AR-REEL AD-AD8534AR-REEL Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8534ARU AD-AD8534ARU Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8534ARU-REEL AD-AD8534ARU-REEL Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8534ARUZ AD-AD8534ARUZ Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
More results


Similar Description - AD8534AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531 AD-AD8531_08 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
[Old version datasheet]   5 V, 250 mA Dual Output Power Supply
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS65133 짹5-V, 250-mA Dual-Output Power Supply
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
AD8223 AD-AD8223_16 Datasheet
414Kb / 21P
   Single-Supply, Low Cost Instrumentation Amplifier
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com