Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD4156 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD4156 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD4156
Download  AOD4156 Download

File Size   385.22 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AOD4156 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD4156 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD4156
Download  AOD4156 Click to download

File Size   385.22 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AOD4156 Datasheet (HTML) - Alpha & Omega Semiconductors

AOD4156 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD4156 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD4156 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD4156 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD4156 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD4156 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD4156 Datasheet HTML 7Page - Alpha & Omega Semiconductors

AOD4156 Product details

General Description
The AOD4156 is fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge.The result is outstanding efficiency with controlled switching behavior. This universal technology is well suited for PWM, load switching and general purpose applications.

Product Summary
    VDS                                      30V
    ID (at VGS=10V)                   55A
    RDS(ON) (at VGS=10V)    < 5.6mΩ
    RDS(ON) (at VGS = 4.5V) < 9.5mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOD4156

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD4156 ISC-AOD4156 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - AOD4156

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com