Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73B2BTTD102J Datasheet (PDF) - KOA Speer Electronics, Inc.

RK73B2BTTD102J Datasheet PDF - KOA Speer Electronics, Inc.
Part # RK73B2BTTD102J
Download  RK73B2BTTD102J Download

File Size   227.01 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description general purpose 2%, 5% tolerance thick film chip resistor

RK73B2BTTD102J Datasheet (PDF)

Go To PDF Page Download Datasheet
RK73B2BTTD102J Datasheet PDF - KOA Speer Electronics, Inc.

Part # RK73B2BTTD102J
Download  RK73B2BTTD102J Click to download

File Size   227.01 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description general purpose 2%, 5% tolerance thick film chip resistor

RK73B2BTTD102J Datasheet (HTML) - KOA Speer Electronics, Inc.

RK73B2BTTD102J Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73B2BTTD102J Datasheet HTML 2Page - KOA Speer Electronics, Inc.

RK73B2BTTD102J Product details

features
• Products with lead-free terminations meet EU RoHS requirements. EU RoHS regulation is not intended for Pb-glass contained in electrode, resistor element and glass.
• AEC-Q200 Qualified: 0201 (1H), 0402 (1E), 0603 (1J), 0805 (2A), 1206 (2B), 1210 (2E), 2010 (2H/W2H), 2512 (3A/W3A/W3A2)




Similar Part No. - RK73B2BTTD102J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73B2BTTD102J KOA-RK73B2BTTD102J Datasheet
227Kb / 2P
   general purpose 2%, 5% tolerance thick film chip resistor
RK73B2BTTD102J KOA-RK73B2BTTD102J Datasheet
385Kb / 2P
   general purpose 2%, 5% tolerance
More results


Similar Description - RK73B2BTTD102J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73B3ATTE332J KOA-RK73B3ATTE332J Datasheet
227Kb / 2P
   general purpose 2%, 5% tolerance thick film chip resistor
RK73B1F KOA-RK73B1F Datasheet
93Kb / 2P
   general purpose 2%, 5%tolerance thick filmchip resistor
logo
TAITRON Components Inco...
RC2512 TAITRON-RC2512 Datasheet
537Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
WCR-WCR00201LF-1001-J-P IRCTT-WCR-WCR00201LF-1001-J-P Datasheet
236Kb / 3P
   General Purpose Thick Film Chip Resistor
logo
TAITRON Components Inco...
RC0805 TAITRON-RC0805 Datasheet
548Kb / 7P
   Thick Film Chip Resistor General Purpose
RC1210 TAITRON-RC1210 Datasheet
547Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0201 TAITRON-RC0201 Datasheet
534Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0603 TAITRON-RC0603 Datasheet
547Kb / 8P
   Thick Film Chip Resistor General Purpose
RC1206 TAITRON-RC1206 Datasheet
548Kb / 7P
   Thick Film Chip Resistor General Purpose
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
   Thick Film Chip Resistor General Purpose
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com