Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG212AKN Datasheet (PDF) - Analog Devices

ADG212AKN Datasheet PDF - Analog Devices
Part # ADG212AKN
Download  ADG212AKN Download

File Size   277.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS QUAD SPST SWITCHES

ADG212AKN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG212AKN Datasheet PDF - Analog Devices

Part # ADG212AKN
Download  ADG212AKN Click to download

File Size   277.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS QUAD SPST SWITCHES

ADG212AKN Datasheet (HTML) - Analog Devices

ADG212AKN Datasheet HTML 1Page - Analog Devices ADG212AKN Datasheet HTML 2Page - Analog Devices ADG212AKN Datasheet HTML 3Page - Analog Devices ADG212AKN Datasheet HTML 4Page - Analog Devices ADG212AKN Datasheet HTML 5Page - Analog Devices ADG212AKN Datasheet HTML 6Page - Analog Devices ADG212AKN Datasheet HTML 7Page - Analog Devices ADG212AKN Datasheet HTML 8Page - Analog Devices

ADG212AKN Product details

GENERAL DESCRIPTION
The ADG211A and ADG212A are monolithic CMOS devices comprising four independently selectable switches. They are designed on an enhanced LC2MOS process, which gives an increased signal handling capability of ±15 V. These switches also feature high switching speeds and low RON.
   
FEATURES
    44 V supply maximum rating
    ±15 V analog signal range
    Low RON: 115 Ω maximum
    Low leakage: 0.5 nA typical
    Break-before-make switching
    Single supply operation possible
    Extended plastic temperature range: −40°C to +85°C
    TTL/CMOS compatible
    Available in 16-lead PDIP/SOIC and 20-pead PLCC packages
    Pin compatible to DG211/DG212
   




Similar Part No. - ADG212AKN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG212AKNZ AD-ADG212AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
More results


Similar Description - ADG212AKN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG441 AD-ADG441 Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG201AKNZ AD-ADG201AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com