Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG774BRQ Datasheet (PDF) - Analog Devices

ADG774BRQ Datasheet PDF - Analog Devices
Part # ADG774BRQ
Download  ADG774BRQ Download

File Size   119.02 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux

ADG774BRQ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG774BRQ Datasheet PDF - Analog Devices

Part # ADG774BRQ
Download  ADG774BRQ Click to download

File Size   119.02 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux

ADG774BRQ Datasheet (HTML) - Analog Devices

ADG774BRQ Datasheet HTML 1Page - Analog Devices ADG774BRQ Datasheet HTML 2Page - Analog Devices ADG774BRQ Datasheet HTML 3Page - Analog Devices ADG774BRQ Datasheet HTML 4Page - Analog Devices ADG774BRQ Datasheet HTML 5Page - Analog Devices ADG774BRQ Datasheet HTML 6Page - Analog Devices ADG774BRQ Datasheet HTML 7Page - Analog Devices ADG774BRQ Datasheet HTML 8Page - Analog Devices

ADG774BRQ Product details

GENERAL DESCRIPTION
The ADG774 is a monolithic CMOS device comprising four 2:1 multiplexer/demultiplexers with high impedance outputs. The CMOS process provides low power dissipation yet gives high switching speed and low on resistance. The on resistance variation is typically less than 0.5 Ω with an input signal ranging from 0 V to 5 V.
The bandwidth of the ADG774 is greater than 200 MHz; this, coupled with low distortion (typically 0.5%), makes the part suitable for switching USB 1.1 data signals and fast Ethernet signals.
The on resistance profile is very flat over the full analog input range ensuring excellent linearity and low distortion when switching audio signals. Fast switching speed, coupled with high signal bandwidth, also makes the parts suitable for video signal switching. CMOS construction ensures ultralow power dissipation, making the parts ideally suited for portable and battery powered instruments.

FEATURES
  Low Insertion Loss and On Resistance: 2.2 Ω Typical
  On Resistance Flatness 0.5 Ω Typical
  Automotive Temperature Range
     –40°C to +125°C
  –3 dB Bandwidth = 240 MHz
  Single 3 V/5 V Supply Operation
  Rail-to-Rail Operation
  Very Low Distortion: 0.5%
  Low Quiescent Supply Current (1 nA Typical)
  Fast Switching Times
     tON 7 ns
     tOFF 4 ns
  TTL/CMOS Compatible

APPLICATIONS
  USB 1.1 Signal Switching Circuits
  Cell Phones
  PDAs
  Battery-Powered Systems
  Communications Systems
  Data Acquisition Systems
  Token Ring 4 Mbps/16 Mbps
  Audio and Video Switching
  Relay Replacement




Similar Part No. - ADG774BRQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
More results


Similar Description - ADG774BRQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG784 AD-ADG784 Datasheet
131Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. 0
ADG784BCPZ AD-ADG784BCPZ Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG784 AD-ADG784_15 Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad
REV. A
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
   Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Pericom Semiconductor C...
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
logo
Analog Devices
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
   3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com