Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM666A Datasheet (PDF) - Analog Devices

ADM666A Datasheet PDF - Analog Devices
Part # ADM666A
Download  ADM666A Download

File Size   331.95 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators

ADM666A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM666A Datasheet PDF - Analog Devices

Part # ADM666A
Download  ADM666A Click to download

File Size   331.95 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators

ADM666A Datasheet (HTML) - Analog Devices

ADM666A Datasheet HTML 1Page - Analog Devices ADM666A Datasheet HTML 2Page - Analog Devices ADM666A Datasheet HTML 3Page - Analog Devices ADM666A Datasheet HTML 4Page - Analog Devices ADM666A Datasheet HTML 5Page - Analog Devices ADM666A Datasheet HTML 6Page - Analog Devices ADM666A Datasheet HTML 7Page - Analog Devices ADM666A Datasheet HTML 8Page - Analog Devices ADM666A Datasheet HTML 9Page - Analog Devices

ADM666A Product details

GENERAL DESCRIPTION
The ADM663A/ADM666A are precision linear voltage regulators featuring a maximum quiescent current of 9 µA. They can be used to give a fixed +3.3 V or +5 V output with no additional external components or can be adjusted from 1.3 V to 16 V using two external resistors. Fixed or adjustable operation is automatically selected via the VSET input. The low quiescent current makes these devices especially suitable for battery powered systems. The input voltage range is 2 V to 16.5 V, and an output current up to 100 mA is provided. Current limiting may be set using a single external resistor. For additional safety, an internal thermal shutdown circuit monitors the internal die temperature.

FEATURES
    Tri-Mode Operation
        3.3 V, 5 V Fixed or +1.3 V to +16 V Adjustable
    Low Power CMOS: 9 µA max Quiescent Current
    High Current 100 mA Output
    Low Dropout Voltage
    Upgrade for ADM663/ADM666
    “Small” 0.1 µF Output Capacitor (0805 Style)
    +2 V to +16.5 V Operating Range
    Low Battery Detector ADM666A
    No Overshoot on Power-Up
    Thermal Shutdown

APPLICATIONS
    Handheld Instruments
    LCD Display Systems
    Pagers
    Battery Operated Equipment




Similar Part No. - ADM666A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM660 AD-ADM660 Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
ADM660 AD-ADM660 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660,8660 AD-ADM660,8660_02 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Pulse A Technitrol Comp...
ADM6609 PULSE-ADM6609 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Analog Devices
ADM660AN AD-ADM660AN Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
More results


Similar Description - ADM666A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
   Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
ON Semiconductor
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
logo
Analog Devices
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
ON Semiconductor
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com