Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM8691 Datasheet (PDF) - Analog Devices

ADM8691 Datasheet PDF - Analog Devices
Part # ADM8691
Download  ADM8691 Download

File Size   207.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuits

ADM8691 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM8691 Datasheet PDF - Analog Devices

Part # ADM8691
Download  ADM8691 Click to download

File Size   207.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuits

ADM8691 Datasheet (HTML) - Analog Devices

Back Button ADM8691 Datasheet HTML 1Page - Analog Devices ADM8691 Datasheet HTML 2Page - Analog Devices ADM8691 Datasheet HTML 3Page - Analog Devices ADM8691 Datasheet HTML 4Page - Analog Devices ADM8691 Datasheet HTML 5Page - Analog Devices ADM8691 Datasheet HTML 6Page - Analog Devices ADM8691 Datasheet HTML 7Page - Analog Devices ADM8691 Datasheet HTML 8Page - Analog Devices ADM8691 Datasheet HTML 9Page - Analog Devices ADM8691 Datasheet HTML 10Page - Analog Devices Next Button 

ADM8691 Product details

GENERAL DESCRIPTION
The ADM8690/ADM8691/ADM8695 supervisory circuits offer complete single-chip solutions for power supply monitoring and battery control functions in microprocessor systems. These functions include microprocessor reset, backup battery switchover, watchdog timer, CMOS RAM write protection, and power failure warning. The complete family provides a variety of configurations to satisfy most microprocessor system requirements.
   
FEATURES
    Upgrade for the ADM690, ADM691, ADM695 and
        for the MAX690, MAX691, MAX695
    Specified over temperature
    Low power consumption: 0.7 mW
    Precision voltage monitor
    Reset assertion down to 1 V VCC
    Low switch on resistance: 0.7 Ω normal, 7 Ω in backup
    High current drive: 100 mA
    Watchdog timer: 100 ms, 1.6 sec, or adjustable
    Standby current: 400 nA
    Automatic battery backup power switching
    Extremely fast gating of chip enable signals (3 ns)
    Voltage monitor for power fail
    Available in TSSOP package
   
APPLICATIONS
    Microprocessor systems
    Computers
    Controllers
    Intelligent instruments
    Automotive systems
   




Similar Part No. - ADM8691

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8691 AD-ADM8691 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8691 AD-ADM8691 Datasheet
392Kb / 24P
   Microprocessor Supervisory Circuits
Rev. C
ADM8691AN AD-ADM8691AN Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8691ANZ AD-ADM8691ANZ Datasheet
392Kb / 24P
   Microprocessor Supervisory Circuits
Rev. C
ADM8691ARN AD-ADM8691ARN Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
More results


Similar Description - ADM8691

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com