Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1173AR Datasheet (PDF) - Analog Devices

ADP1173AR Datasheet PDF - Analog Devices
Part # ADP1173AR
Download  ADP1173AR Download

File Size   478.41 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower DC-DC Converter

ADP1173AR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1173AR Datasheet PDF - Analog Devices

Part # ADP1173AR
Download  ADP1173AR Click to download

File Size   478.41 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower DC-DC Converter

ADP1173AR Datasheet (HTML) - Analog Devices

Back Button ADP1173AR Datasheet HTML 1Page - Analog Devices ADP1173AR Datasheet HTML 2Page - Analog Devices ADP1173AR Datasheet HTML 3Page - Analog Devices ADP1173AR Datasheet HTML 4Page - Analog Devices ADP1173AR Datasheet HTML 5Page - Analog Devices ADP1173AR Datasheet HTML 6Page - Analog Devices ADP1173AR Datasheet HTML 7Page - Analog Devices ADP1173AR Datasheet HTML 8Page - Analog Devices ADP1173AR Datasheet HTML 9Page - Analog Devices ADP1173AR Datasheet HTML 10Page - Analog Devices Next Button 

ADP1173AR Product details

GENERAL DESCRIPTION
The ADP1173 is part of a family of step-up/step-down switching regulators that operates from an input supply voltage of as little as 2 V to 12 V in step-up mode and to 30 V in step-down mode.

FEATURES
    Operates From 2.0 V to 30 V Input Voltages
    Only 110 mA Supply Current (Typical)
    Step-Up or Step-Down Mode Operation
    Very Few External Components Required
    Low Battery Detector On-Chip
    User-Adjustable Current Limit
    Internal 1 A Power Switch
    Fixed or Adjustable Output Voltage Versions
    8-Pin DIP or SO-8 Package

APPLICATIONS
    Notebook and Palmtop Computers
    Cellular Telephones
    Flash Memory Vpp Generators
    3 V to 5 V, 5 V to 12 V Converters
    9 V to 5 V, 12 V to 5 V Converters
    Portable Instruments
    LCD Bias Generators




Similar Part No. - ADP1173AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
   Micropower DC-DC Converter
REV. 0
More results


Similar Description - ADP1173AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
   Micropower DC-DC Converter
REV. 0
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
logo
Analog Microelectronics
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
ams AG
AS1340 AMSCO-AS1340_1 Datasheet
1Mb / 16P
   50V, Micropower, DC-DC Boost Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com