Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV471 Datasheet (PDF) - Analog Devices

ADV471 Datasheet PDF - Analog Devices
Part # ADV471
Download  ADV471 Download

File Size   531.86 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs

ADV471 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV471 Datasheet PDF - Analog Devices

Part # ADV471
Download  ADV471 Click to download

File Size   531.86 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs

ADV471 Datasheet (HTML) - Analog Devices

Back Button ADV471 Datasheet HTML 1Page - Analog Devices ADV471 Datasheet HTML 2Page - Analog Devices ADV471 Datasheet HTML 3Page - Analog Devices ADV471 Datasheet HTML 4Page - Analog Devices ADV471 Datasheet HTML 5Page - Analog Devices ADV471 Datasheet HTML 6Page - Analog Devices ADV471 Datasheet HTML 7Page - Analog Devices ADV471 Datasheet HTML 8Page - Analog Devices ADV471 Datasheet HTML 9Page - Analog Devices ADV471 Datasheet HTML 10Page - Analog Devices Next Button 

ADV471 Product details

GENERAL DESCRIPTION

The ADV478 (ADV®) and ADV471 are pin compatible and software compatible RAM-DACs designed specifically for Personal System/2 compatible color graphics. The ADV478 has a 256 × 24 color lookup table with triple 8-bit video D/A converters. It may be configured for either 6 bits or 8 bits per color operation. The ADV471 has a 256 ×18 color lookup table with triple 6-bit video D/A converters.



FEATURES

Personal System/2* Compatible

80 MHz Pipelined Operation

Triple 8-Bit (6-Bit) D/A Converters

256 3 24(18) Color Palette RAM

15 3 24(18) Overlay Registers

RS-343A/RS-170 Compatible Outputs

Sync on All Three Channels

Programmable Pedestal (0 or 7.5 IRE)

External Voltage or Current Reference

Standard MPU Interface

+5 V CMOS Monolithic Construction

44-Pin PLCC Package

Power Dissipation: 800 mW



APPLICATIONS

High Resolution Color Graphics

CAE/CAD/CAM Applications

Image Processing

Instrumentation

Desktop Publishing

 




Similar Part No. - ADV471

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473KP110 AD-ADV473KP110 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473KP135 AD-ADV473KP135 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473KP66 AD-ADV473KP66 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
More results


Similar Description - ADV471

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
ADV475 AD-ADV475_15 Datasheet
1Mb / 3P
   CMOS 80 MHZ MONOLITHIC 2560 WORD POWER DOWN COLOR PALETTE RAM DACS
REV. 0
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
Analog Devices
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
logo
Texas Instruments
TLC34058 TI1-TLC34058 Datasheet
481Kb / 26P
[Old version datasheet]   256 횞 24 COLOR PALETTE
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com